Electronic Components Datasheet Search
  English  ▼

X  

UCC3921 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC3921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3921 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3921 Datasheet HTML 4Page - Texas Instruments UCC3921 Datasheet HTML 5Page - Texas Instruments UCC3921 Datasheet HTML 6Page - Texas Instruments UCC3921 Datasheet HTML 7Page - Texas Instruments UCC3921 Datasheet HTML 8Page - Texas Instruments UCC3921 Datasheet HTML 9Page - Texas Instruments UCC3921 Datasheet HTML 10Page - Texas Instruments UCC3921 Datasheet HTML 11Page - Texas Instruments UCC3921 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
UCC1921
UCC2921
UCC3921
Current Source Load:
T
CV
II
START
OUT
SS
MAX
LOAD
=
•
−
Resistive Load:
T
CR
n
IR
IR
V
START
OUT
OUT
MAX
OUT
MAX
OUT
SS
=
••
•
•−
l
Once TSTART is calculated, the power limit feature of the
UCC3921 must be addressed and component values de-
rived. Assuming the user chooses to limit the maximum
allowable average power that will be associated with the
hot swap power manager, the power limiting resistor,
RPL, can be easily determined by the following:
R
Pavg
AI
PL
FET
MAX
=
•
1µ
where a minimum RPL exists
defined by
R
V
mA
PL
SS
min =
5
(Refer to Figure 5).
Finally, after computing the aforementioned variables, the
minimum timing capacitor can be derived as such:
Current Source Load:
()
C
TA R
V
V
R
T
START
PL
SS
PL
min =
••
•
+
−
•
372
10
10
µ
Resistive Load:
()
C
TA R
V
V I
R
R
R
T
START
PL
SS
MAX
OUT
PL
O
min =
••
•
+
−
−
•
•
+
•
336
5
5
3
µ
UT
SS
OUT
PL
VC
R
••
•
5
Level Shift Circuitry to Interface with SDFLTCH
Some type of circuit is needed to interface with the
UCC3921 via SDFLTCH, such as opto-couplers or level
shift circuitry. Figure 6 depicts one implementation of
level shift circuitry that could be used, showing compo-
nent values selected for a typical –48V telecommunica-
tions
application.
There
are
three
communication
conditions which could occur; two of which are Hot Swap
Power Manager (HSPM) state output indications, and the
third being an External Shutdown.
1) When open, and under a non-fault condition,
SDFLTCH is pulled to a low state. In Figure 6, the N-
channel
level
shift
transistor
is
off,
and
the
FAULT OUT signal is pulled to LOCAL VDD through
R3. This indicates that the HSPM is not faulted.
2) When a fault is detected by the fault timer or under-
voltage lockout, this pin will drive to a high state, indi-
cating that the external power FET is off. In Figure 6,
the N-channel level shift transistor will conduct, and
the FAULT OUT signal will be pulled to a Schottky Di-
ode voltage drop below LOCAL GND. This indicates
that the HSPM is faulted. The Schottky Diode is nec-
essary to ensure that the FAULT OUT signal does
not traverse too far below LOCAL GND, making fault
detection difficult.
APPLICATION INFORMATION (continued)
25
22.5
20
17.5
15
12.5
10
7.5
5
2.5
0
0
25
50
75 100 125 150 175 200
VFET
R
R
PL
PL
=500k
=200k
RPL =1M
RPL =2M
RPL =5M
RPL =10M
RPL=
∞
I= 4A
MAX
=
∞
Figure 5. Plot Average Power vs FET Voltage for
Increasing Values of R
PL
Figure 6. Possible Level Shift Circuitry to
Interface to the UCC3921, showing component
values selected for a typical telecom application.
UDG-96279
=
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com