Electronic Components Datasheet Search
  English  ▼

X  

UCC3921 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3921 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3921 Datasheet HTML 1Page - Texas Instruments UCC3921 Datasheet HTML 2Page - Texas Instruments UCC3921 Datasheet HTML 3Page - Texas Instruments UCC3921 Datasheet HTML 4Page - Texas Instruments UCC3921 Datasheet HTML 5Page - Texas Instruments UCC3921 Datasheet HTML 6Page - Texas Instruments UCC3921 Datasheet HTML 7Page - Texas Instruments UCC3921 Datasheet HTML 8Page - Texas Instruments UCC3921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
UCC1921
UCC2921
UCC3921
Figure 1. Fault Timing Circuitry for the UCC3921, Including Power Limit Overload
APPLICATION INFORMATION
UDG-96275-1
SENSE: Input voltage from the current sense resistor.
When there is greater than 50mV across this pin with
respect to VSS, then a fault is sensed, and CT starts to
charge.
SDFLTCH: This pin provides fault output indication,
shutdown
control,
and
operating
mode
selection.
Interface into and out of this pin is usually performed
through level shift transistors. When open, and under a
non-fault condition, this pin pulls to a low state with
respect to VSS. When a fault is detected by the fault
timer, or undervoltage lockout, this pin will drive to a high
state with respect fo VSS, indicating the NMOS pass
element is OFF. When > 250
µA is sourced into this pin
for > 1ms, it drives high causing the output to disable the
NMOS pass device.
If an 5k < RLATCH < 250k
Ω resistor is placed from this pin
to VSS, then the latched operating mode will be invoked.
Upon the occurrence of a fault, under the latched mode
of operation, once the CT capacitor charges up to 2.5V
the NMOS pass element latches off. A retry will not
periodically occur. To reset the latched off device, either
SDFLTCH is toggled high for a duration greater than 1ms
or the IC is powered down and then up.
VDD: Current driven with a resistor to a voltage approxi-
mately 10V more positive than VSS. Typically a resistor is
connected to ground. The 10V shunt regulator clamps
VDD approximately 10V above VSS, and is also used as
an output reference to program the maximum allowable
sourcing current.
VSS: Ground reference for the IC and the most negative
voltage available.
PIN DESCRIPTIONS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com