Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041I Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 22Page - Texas Instruments TUSB4041I Datasheet HTML 23Page - Texas Instruments TUSB4041I Datasheet HTML 24Page - Texas Instruments TUSB4041I Datasheet HTML 25Page - Texas Instruments TUSB4041I Datasheet HTML 26Page - Texas Instruments TUSB4041I Datasheet HTML 27Page - Texas Instruments TUSB4041I Datasheet HTML 28Page - Texas Instruments TUSB4041I Datasheet HTML 29Page - Texas Instruments TUSB4041I Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
TUSB4041I
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.17 Manufacturer String Length Register
Offset = 23h
Figure 18. Manufacturer String Length Register
7
6
5
4
3
2
1
0
RSVD
mfgStringLen
R-0
R/RW-0
Table 19. Manufacturer String Length Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RSVD
R
0
Reserved
Read only, returns 0 when read
6:0
mfgStringLen
R/RW
0
Manufacturer string length
The string length in bytes for the manufacturer string. The default value is 0,
indicating that a manufacturer string is not provided. The maximum string length is 64
bytes.
When the customStrings bit is set to 1, this field may be overwritten by the contents of
an attached EEPROM or by an SMBus host.
When the field is non-zero, a manufacturer string of mfgStringLen bytes is returned at
string index 3 from the data contained in the Manufacturer String registers.
8.5.18 Product String Length Register
Offset = 24h
Figure 19. Product String Length Register
7
6
5
4
3
2
1
0
RSVD
prodStringLen
R-0
R/RW-0
Table 20. Product String Length Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RSVD
R
0
Reserved
Read only, returns 0 when read.
6:0
prodStringLen
R/RW
0
Product string length
The string length in bytes for the product string. The default value is 0, indicating
that a product string is not provided. The maximum string length is 64 bytes.
When the customStrings bit is set to 1, this field may be overwritten by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a product string of prodStringLen bytes is returned at
string index 3 from the data contained in the Product String registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com