Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041I Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 36Page - Texas Instruments TUSB4041I Datasheet HTML 37Page - Texas Instruments TUSB4041I Datasheet HTML 38Page - Texas Instruments TUSB4041I Datasheet HTML 39Page - Texas Instruments TUSB4041I Datasheet HTML 40Page - Texas Instruments TUSB4041I Datasheet HTML 41Page - Texas Instruments TUSB4041I Datasheet HTML 42Page - Texas Instruments TUSB4041I Datasheet HTML 43Page - Texas Instruments TUSB4041I Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X
0.27
0.17
60X 0.5
PIN 1 ID
0.09-0.20
TYP
0.15
0.05
0 -7
0 MIN
4X 7.5
TYP
12.2
11.8
4.44
3.64
B
10.2
9.8
A
10.2
9.8
0.75
0.45
0.25
GAGE PLANE
1.2 MAX
(1)
(0.15) TYP
NOTE 4
(0.15) TYP
NOTE 4
PLASTIC QUAD FLATPACK
PLASTIC QUAD FLATPACK
PowerPAD
- 1.2 mm max height
PAP0064M
4221602/A 07/2014
0.08
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026, variation ACD.
4. Strap features may not be present,
TM
PowerPAD is a trademark of Texas Instruments.
1
16
17
32
33
48
49
64
0.08
C A
B
SEE DETAIL A
SEATING PLANE
DETAIL A
SCALE: 12
DETAIL A
TYPICAL
SCALE 1.500
EXPOSED
THERMAL PAD
40
TUSB4041I
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com