| Electronic Components Datasheet Search |
|
TUSB4041I Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB4041I Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 48 page ![]() VBUS Detect USB 2.0 Hub Oscillator XI XO Clock and Reset Distribution Control Registers GPIO I 2C SMBUS Power Distribution VDD33 VSS GRSTz SCL/SMBCLK SDA/SMBDAT SMBUSz PWRCTL1/BATEN1 OVERCUR1z PWRCTL2/BATEN2 OVERCUR2z PWRCTL_POL GANGED/SMBA2/HS_UP FULLPWRMGMTz/SMBA1 VDD TEST OTP ROM PWRCTL3/BATEN3 OVERCUR3z PWRCTL4/BATEN4 OVERCUR4z AUTOENz/HS_SUSPEND Copyright © 2016, Texas Instruments Incorporated 11 TUSB4041I www.ti.com SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017 Product Folder Links: TUSB4041I Submit Documentation Feedback Copyright © 2015–2017, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview The TUSB4041I device is a four-port USB 2.0 hub. The device provides USB high-speed and full-speed connections on the upstream port and provides USB high-speed, full-speed, or low-speed connections on the downstream ports. When the upstream port is connected to an electrical environment that only supports high- speed connections. USB high-speed connectivity is enabled on the downstream ports. When the upstream port is connected to an electrical environment that only supports full-speed and low-speed connections. USB high- speed connectivity is disabled on the downstream ports. 8.2 Functional Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |