Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041I Datasheet(HTML) 5 Page - Texas Instruments

  TUSB4041I Datasheet HTML 1Page - Texas Instruments TUSB4041I Datasheet HTML 2Page - Texas Instruments TUSB4041I Datasheet HTML 3Page - Texas Instruments TUSB4041I Datasheet HTML 4Page - Texas Instruments TUSB4041I Datasheet HTML 5Page - Texas Instruments TUSB4041I Datasheet HTML 6Page - Texas Instruments TUSB4041I Datasheet HTML 7Page - Texas Instruments TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
TUSB4041I
www.ti.com
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
TYPE(1)
DESCRIPTION
NAME
NO.
XO
29
O
—
Crystal output. This pin is the crystal output for the internal oscillator. If the XI pin is
driven by an external oscillator, this pin may be left unconnected. When using a
crystal, a 1-M
Ω feedback resistor is required between the XI and XO pins.
USB UPSTREAM SIGNALS
USB_DM_UP
22
I/O
—
USB high-speed differential transceiver (negative)
USB_DP_UP
21
I/O
—
USB high-speed differential transceiver (positive)
USB_R1
32
I
—
Precision resistor reference. Connect a 9.53-k
Ω ±1% resistor between the USB_R1
pin and ground.
USB_VBUS
16
I
—
USB upstream port power monitor. The VBUS detection requires a voltage divider.
The signal USB_VBUS must be connected to VBUS through a 90.9-k
Ω ±1% resistor
and to ground through a 10-k
Ω ±1% resistor from the signal to ground.
USB DOWNSTREAM SIGNALS
OVERCUR1z
14
I
PU
USB port 1 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 1.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
OVERCUR2z
15
I
PU
USB port 2 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 2.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
If power management is not implemented, leave this pin unconnected. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
OVERCUR3z
12
I
PU
USB port 3 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 3.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
OVERCUR4z
11
I
PU
USB port 4 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 4.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
PWRCTL1/BATEN1
4
I/O
PD
USB port 1 power-on control for downstream power and battery charging enable. The
pin is used for control of the downstream power switch for port 1.
The value of the pin is sampled at the deassertion of reset to determine the value of
the battery charging support for port 1 as indicated in the Battery Charging Support
Register:
0 = Battery charging not supported
1 = Battery charging supported
PWRCTL2/BATEN2
3
I/O
PD
USB port 2 power-on control for downstream power and battery charging enable. The
pin is used for control of the downstream power switch for port 2.
The value of the pin is sampled at the deassertion of reset to determine the value of
the battery charging support for Port 2 as indicated in the Battery Charging Support
Register:
0 = Battery charging not supported
1 = Battery charging supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com