Electronic Components Datasheet Search
  English  ▼

X  

CS7008003 Datasheet(PDF) 7 Page - Norgren Ltd

Part # CS7008003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7008003 Datasheet(HTML) 7 Page - Norgren Ltd

Back Button CS7008003 Datasheet HTML 3Page - Norgren Ltd CS7008003 Datasheet HTML 4Page - Norgren Ltd CS7008003 Datasheet HTML 5Page - Norgren Ltd CS7008003 Datasheet HTML 6Page - Norgren Ltd CS7008003 Datasheet HTML 7Page - Norgren Ltd CS7008003 Datasheet HTML 8Page - Norgren Ltd CS7008003 Datasheet HTML 9Page - Norgren Ltd CS7008003 Datasheet HTML 10Page - Norgren Ltd CS7008003 Datasheet HTML 11Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Product
Description
number
39004100
Stripper
39004160
Spare blades (2)
N/AL 9.12.005.02
06/97
WeldTube
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where
pressures and temperatures can
exceed those listed under ‘Technical Data’.
Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not
within published specifications, consult Norgren.
Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to
consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or
damage to equipment in the event of such failure.
System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products
where applicable.
General Information
138
This tube stripper ensures correct stripping of WeldTube
The colours are for the outer PVC cover
Tubing is supplied shrink-wrapped in 25m coils
Other colours can be supplied for orders of sufficient quantity
Tubing can also be supplied in longer lengths subject to economic order quantities
Tube Stripper
O/D
O/D
I/D
Working
Burst
Bend
Product number
Outer tube
Inner tube
Inner tube
pressure
pressure
radius
Black
Red
Green
Blue
mm
mm
mm
bar
bar
mm
8
6
4
10
30
40
WT4706025
WT4106025
WT4206025
WT4506025
10
8
6
10
30
50
WT4708025
WT4108025
WT4208025
WT4508025
12,5
10
7
10
30
65
WT4710025
WT4110025
WT4210025
WT4510025
14,5
12
9
10
30
75
WT4712025
WT4112025
WT4212025
WT4512025
To give full protection from weld spatter, the outer cover needs to be removed exposing the correct length of inner
tube for insertion into the WeldFit fitting.
The outer cover then fits into the collet counterbore, thus protecting system from spatter.
Instructions for Use
1. Ensure tube is cut at 90° to the tube axis. This cut to be in the middle
mark along tube.
2. Adjust cutting depth of stripper - adjust the cutting depth of the blade at the head screw and adjust to the outer
cover thickness.
3. Lift the clip against the spring pressure and insert tube, lining up blade with the next
mark from tube end (this
ensures correct length is removed.) Release the clip.
4. To strip outer cover, turn the tool radially around the tube to make a circular cut.
5. Turn the blade (90°) up to the stop with the lever. Move tool along the tube to make longitudinal cut.
6. The outer cover can be levered off with the aid of the ground edge of the clip and removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com