Electronic Components Datasheet Search
  English  ▼

X  

CS7008003 Datasheet(PDF) 14 Page - Norgren Ltd

Part # CS7008003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7008003 Datasheet(HTML) 14 Page - Norgren Ltd

Back Button CS7008003 Datasheet HTML 10Page - Norgren Ltd CS7008003 Datasheet HTML 11Page - Norgren Ltd CS7008003 Datasheet HTML 12Page - Norgren Ltd CS7008003 Datasheet HTML 13Page - Norgren Ltd CS7008003 Datasheet HTML 14Page - Norgren Ltd CS7008003 Datasheet HTML 15Page - Norgren Ltd CS7008003 Datasheet HTML 16Page - Norgren Ltd CS7008003 Datasheet HTML 17Page - Norgren Ltd CS7008003 Datasheet HTML 18Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
11/97
N/AL 9.12.002.01
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Ordering Information
To order, quote appropriate product number
from the tables on the following pages.
When ordering Polyester reinforced PVC
hose state the length of hose required.
l
Available in a variety of different types to suit a
wide range of applications
l
All tubing can be used with specific ranges of tube
fittings
l
Nylon tube available in several colours for ease of
identification
Technical Data
Medium:
Compressed air
(Consult our Technical Service for use with other fluids)
Operating Pressure:
Refer to specific tubing type on the following pages
Operating Temperature:
Refer to specific tubing type on the following pages
Tube Sizes
Nylon: 1⁄8", 5⁄32", 3⁄16", 1⁄4", 5⁄16", 3⁄8", 1⁄2", 5⁄8", 3⁄4" O/D
Nylon (food grade): 3⁄16", 1⁄4", 5⁄16", 3⁄8" O/D
Nylon (spring coils): 3⁄16", 1⁄4", 5⁄16", 3⁄8", 1⁄2"
Metal Braided: 3⁄16", 1⁄4", 5⁄16", 3⁄8", 1⁄2" O/D
Polyester reinforced PVC hose assemblies: 3⁄16", 1⁄4", 5⁄16", 3⁄8",
1⁄2", 3⁄4" O/D
Copper – half hard and annealed: 1⁄8", 3⁄16", 1⁄4", 5⁄16",
3⁄8", 1⁄2", 5⁄8", 3⁄4" O/D
Copper – heavy duty: 3⁄16", 1⁄4", 5⁄16", 3⁄8", 1⁄2", 5⁄8", 3⁄4" O/D
Double Wall Brazed Steel: 3⁄16", 1⁄4", 5⁄16", 3⁄8", 1⁄2" O/D
Materials
Nylon tube: nylon (polyamide) type 11 or 12 fully plasticised
Nylon tube: (spring coils) type 11 or 12 fully plasticised
Nylon tube (food grade): nylon (polyamide) type 11 or 12
unplasticised
Polyester reinforced PVC hose: high quality electrically non-
conductive plasticised PVC hose, high tensile polyester fibre
braiding, galvanised steel ‘O’ clips and brass tailpieces on
assembled hoses
Metal braided hose: E90 nitrile rubber hose, galvanised steel
braiding wire, brass ferrules, copper tailpieces
Copper tube: phosphorous de-oxidised non arsenical copper to
BS6017 grade Cu-DHP
Double wall brazed steel: copper coated steel strip with plated
external surface
Tubing & Hose
Inch
Nylon, Food Grade Nylon,
Polyester Reinforced PVC,
Metal Braided Rubber, Copper,
Double Wall Brazed Steel
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com