Electronic Components Datasheet Search
  English  ▼

X  

CS7008003 Datasheet(PDF) 18 Page - Norgren Ltd

Part # CS7008003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7008003 Datasheet(HTML) 18 Page - Norgren Ltd

Back Button CS7008003 Datasheet HTML 12Page - Norgren Ltd CS7008003 Datasheet HTML 13Page - Norgren Ltd CS7008003 Datasheet HTML 14Page - Norgren Ltd CS7008003 Datasheet HTML 15Page - Norgren Ltd CS7008003 Datasheet HTML 16Page - Norgren Ltd CS7008003 Datasheet HTML 17Page - Norgren Ltd CS7008003 Datasheet HTML 18Page - Norgren Ltd CS7008003 Datasheet HTML 19Page - Norgren Ltd CS7008003 Datasheet HTML 20Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
07/97
N/AL 9.13.001.01
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Ordering Information
To order, quote appropriate product number
from the tables on the following pages.
l
Low cost items for neat and secure fixing of tubing
l
Metallic clips are strong and resilient
l
Nylon ties available in releasable or permanent
locking types
Technical Data
Tubing Ties
Operating Temperature:
–50°C* to +85°C
Minimum Tensile Strength:
13.61 kg - locking type
27.21 kg - releasable type
Manufacturing Specification:
to American Military Specification 23190 - Drawing No. 3367
Materials
Tubing Ties and Mountings - Nylon Type 66, natural colour
Tubing Clips - Zinc plated mild steel
Tubing Ties –
Releasable:
50, 81 mm maximum bundle diameter
Lockable:
35, 50, 75 mm maximum bundle diameter
Tubing Clips–
Single sided:
4, 5, 6, 8, 10, 12, 16, 22, 28 mm O/D tube
3⁄16, 1⁄4, 5⁄16, 3⁄8, 1⁄2,5⁄8, 3⁄4 O/D tube
Double sided:
16, 22, 28 mm O/D tube
5⁄8, 3⁄4 O/D tube
Tubing Channels–
Acommodate 5, 6, 8 and 12mm O/D tube
Accessories
Tubing Ties & Tubing Clips
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com