Electronic Components Datasheet Search
  English  ▼

X  

CS7008003 Datasheet(PDF) 13 Page - Norgren Ltd

Part # CS7008003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7008003 Datasheet(HTML) 13 Page - Norgren Ltd

Back Button CS7008003 Datasheet HTML 9Page - Norgren Ltd CS7008003 Datasheet HTML 10Page - Norgren Ltd CS7008003 Datasheet HTML 11Page - Norgren Ltd CS7008003 Datasheet HTML 12Page - Norgren Ltd CS7008003 Datasheet HTML 13Page - Norgren Ltd CS7008003 Datasheet HTML 14Page - Norgren Ltd CS7008003 Datasheet HTML 15Page - Norgren Ltd CS7008003 Datasheet HTML 16Page - Norgren Ltd CS7008003 Datasheet HTML 17Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PA Pneuflex
N/UK 9.12.003.02
10/96
Our policy is one of continuous research and development. We therefore reserve the
right to amend, without notice, the specifications given in this document.
General Information – PA Pneuflex Spring Coils
Product number
O/D tube
I/D tube
A
B
Length of closed
Length of maximum
Operating pressure
Adaptor
(mm)
(mm)
(mm)
(mm)
spiral (mm)
C
extension (m)
D
at +20°C (bar)
(thread)
E
PA330600328
6
4
64
52
200
3
31
1⁄4
PA330600428
6
4
64
52
250
3,75
31
1⁄4
PA330600528
6
4
64
52
333
5
31
1⁄4
PA330600828
6
4
64
52
500
7,50
31
1⁄4
PA330601528
6
4
64
52
1000
15
31
1⁄4
PA330800328
8
6
86
70
200
3
22
1⁄4
PA330800428
8
6
86
70
250
3,75
22
1⁄4
PA330800528
8
6
86
70
333
5
22
1⁄4
PA330800828
8
6
86
70
500
7,50
22
1⁄4
PA330801528
8
6
86
70
1000
15
22
1⁄4
PA331000328
10
8
105
85
210
3
17
1⁄4
PA331000428
10
8
105
85
262
3,75
17
1⁄4
PA331000528
10
8
105
85
350
5
17
1⁄4
PA331000828
10
8
105
85
525
7,50
17
1⁄4
PA331001528
10
8
105
85
1000
15
17
1⁄4
PA331200338
12
10
134
110
200
3
12
3⁄8
PA331200438
12
10
134
110
250
3,75
12
3⁄8
PA331200538
12
10
134
110
333
5
12
3⁄8
PA331200838
12
10
134
110
500
7,50
12
3⁄8
PA331201538
12
10
134
110
1000
15
12
3⁄8
PA331500348
15
12
190
160
166
3
17
1⁄2
PA331500448
15
12
190
160
207
3,75
17
1⁄2
PA331500548
15
12
190
160
277
5
17
1⁄2
PA331500848
15
12
190
160
415
7,50
17
1⁄2
Mounting Method: Male thread and swivel fitting at both ends. Pneuflex Spring Coils are coloured yellow. Coils of 4 and 5 mm tube are available special order.
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where
pressures and temperatures can
exceed those listed under ‘Technical Data’.
Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not
within published specifications, consult Norgren.
Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to consider
the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or damage to
equipment in the event of such failure.
System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products
where applicable.
C
D
E
Working temperature °C
Factor
–40°C to +20°C
1,00
+30°C
0,83
+40°C
0,72
+50°C
0,64
+60°C
0,57
+80°C
0,47
To calculate working pressures at various temperatures, multiply
working pressure at –40°C to +20°C by factor given in table.
Maximum continuous working temperature +80°C.
Working pressure/temperature conversion factors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com