Electronic Components Datasheet Search
  English  ▼

X  

LNK562P/G/D Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK562P/G/D
Description  Energy Efficient Off-Line Switcher IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562P/G/D Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK562P/G/D Datasheet HTML 3Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 4Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 5Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 6Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 7Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 8Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LNK562-564
Rev. L 12/21
7
www.power.com
Thermal Considerations
The copper area underneath the LinkSwitch-LP acts not
only as a single point ground, but also as a heatsink. As
it is connected to the quiet source node, this area should
be maximized for good heat sinking of LinkSwitch-LP.
The same applies to the cathode of the output diode.
Y-Capacitor
The placement of the Y-type cap should be directly from
the primary input filter capacitor positive terminal to the
common/return terminal of the transformer secondary.
Such a placement will route high magnitude common-
mode surge currents away from the LinkSwitch-LP
device. Note: If an input pi (C, L, C) EMI filter is used,
then the inductor in the filter should be placed between
the negative terminals on the input filter capacitors.
Output Diode
For best performance, the area of the loop connecting
the secondary winding, the output diode and the output
filter capacitor should be minimized. In addition, sufficient
copper area should be provided at the anode and
cathode terminals of the diode for heat sinking. A larger
area is preferred at the quiet cathode terminal. A large
anode area can increase high-frequency radiated EMI.
Quick Design Checklist
As with any power supply design, all LinkSwitch-LP
designs should be verified on the bench to make sure
that component specifications are not exceeded under
worst-case conditions. The following minimum set of
tests is strongly recommended:
+
HV DC
INPUT
-
+
Input Filter
Capacitor
-
DC
OUT
PI-4582-061715
Maximize hatched copper
areas (
) for optimum
heat sinking
TOP VIEW
Transformer
D
FB
BP
S
S
S
S
CBP
Output Filter
Capacitor
Figure 7. Recommended Circuit Board Layout for LinkSwitch-LP using D Package (Assumes a HVDC Input Stage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com