Electronic Components Datasheet Search
  English  ▼

X  

LNK562P/G/D Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK562P/G/D
Description  Energy Efficient Off-Line Switcher IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562P/G/D Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK562P/G/D Datasheet HTML 4Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 5Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 6Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 7Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 8Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LNK562-564
Rev. L 12/21
8
www.power.com
1. Maximum drain voltage – Verify that V
DS does not
exceed 650 V at the highest input voltage and peak
(overload) output power. A 50 V margin to the 700 V
BV
DSS specification gives margin for design variation,
especially in Clampless designs.
2. Maximum drain current – At maximum ambient
temperature, maximum input voltage and peak output
(overload) power, verify drain current waveforms for
any signs of transformer saturation and excessive
leading-edge current spikes at startup. Repeat under
steady state conditions and verify that the leading-
edge current spike event is below I
LIMIT(MIN) at the end
of the t
LEB(MIN). Under all conditions, the maximum
DRAIN current should be below the specified
absolute maximum ratings.
3. Thermal Check – At specified maximum output
power, minimum input voltage and maximum ambient
temperature, verify that the temperature specifications
are not exceeded for LinkSwitch-LP, transformer,
output diode and output capacitors. Enough thermal
margin should be allowed for part-to-part variation
of the R
DS(ON) of LinkSwitch-LP as specified in the
data sheet. Under low line and maximum power, a
maximum LinkSwitch-LP SOURCE pin temperature of
100 °C is recommended to allow for these variations.
Design Tools
Up-to-date information on design tools can be found at
the Power Integrations web site: www.power.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com