Electronic Components Datasheet Search
  English  ▼

X  

LNK562P/G/D Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK562P/G/D
Description  Energy Efficient Off-Line Switcher IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562P/G/D Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK562P/G/D Datasheet HTML 1Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 2Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 3Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 4Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 5Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 6Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 7Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 8Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LNK562-564
Rev. L 12/21
2
www.power.com
PI-4547-011107
FB
D
S
BP
S
S
S
P Package (DIP-8B)
G Package (SMD-8B)
8
5
7
1
4
2
3
D
S
FB
S
S
BP
D Package (SO-8C)
8
5
7
1
4
2
S
6
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN (D) Pin:
The power MOSFET drain connection provides internal
operating current for both startup and steady-state
operation.
BYPASS (BP) Pin:
A 0.1
mF external bypass capacitor for the internally
generated 5.8 V supply is connected to this pin.
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET
is controlled by this pin. MOSFET switching is disabled
when a current greater than 70
mA flows into this pin.
SOURCE (S) Pin:
This pin is the power MOSFET source connection.
It is also the ground reference for the BYPASS and
FEEDBACK pins.
LinkSwitch-LP Functional Description
LinkSwitch-LP comprises a 700 V power MOSFET
switch with a power supply controller on the same die.
Unlike conventional PWM (pulse width modulation)
controllers, it uses a simple ON/OFF control to regulate
the output voltage. The controller consists of an oscillator,
feedback (sense and logic) circuit, 5.8 V regulator,
BYPASS pin undervoltage circuit, over-temperature
protection, frequency jittering, current limit circuit, and
leading edge blanking.
Figure 3. Pin Configuration.
Oscillator
The typical oscillator frequency is internally set to an
average of 66/83/100 kHz for the LNK562, 563 &
564 respectively. Two signals are generated from the
oscillator: the maximum duty cycle signal (DC
MAX) and
the clock signal that indicates the beginning of each
switching cycle.
The oscillator incorporates circuitry that introduces a
small amount of frequency jitter, typically 5% of the
switching frequency, to minimize EMI. The modulation
rate of the frequency jitter is set to 1 kHz to optimize EMI
PI-3958-092410
CLOCK
JITTER
AUTO-RESTART
COUNTER
FAULT
PRESENT
OSCILLATOR
5.8 V
4.85 V
SOURCE
(S)
S
R
Q
DCMAX
ADJ
BYPASS
(BP)
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
(D)
BYPASS PIN
UNDERVOLTAGE
CURRENT LIMIT
COMPARATOR
FEEDBACK
(FB)
OPEN LOOP
PULLDOWN
Q
6.3 V
1.69 V -VTH
0.8 V
REGULATOR
5.8 V
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com