Electronic Components Datasheet Search
  English  ▼

X  

LNK562P/G/D Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK562P/G/D
Description  Energy Efficient Off-Line Switcher IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562P/G/D Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK562P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 12Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 13Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 15Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 16Page - Power Integrations, Inc. LNK562P/G/D Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LNK562-564
Rev. L 12/21
13
www.power.com
1.4
1.0
1.2
0.8
0.6
0.4
0.2
0
-50
050
100
150
Temperature (
°C)
100
150
175
200
125
0
0
4
2
8
6
10 12 14 16 18 20
DRAIN Voltage (V)
25
75
50
25 °C
100 °C
Typical Performance Characteristics
Figure 16. BYPASS Pin Startup Waveform.
1.1
1.0
0.9
-50 -25
0255075 100 125 150
Junction Temperature (
°C)
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
Time (ms)
7
Figure 12. Breakdown vs. Temperature.
Figure 14. Current Limit vs. Temperature.
Figure 17. Output Characteristics.
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0255075 100 125
Junction Temperature (
°C)
Figure 13. Frequency vs. Temperature.
1.1
1.0
0.9
-50 -25
0255075 100 125 150
Temperature (
°C)
Figure 15. FEEDBACK Pin Voltage vs. Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com