Electronic Components Datasheet Search
  English  ▼

X  

OPA548 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA548
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA548 Datasheet HTML 11Page - Texas Instruments OPA548 Datasheet HTML 12Page - Texas Instruments OPA548 Datasheet HTML 13Page - Texas Instruments OPA548 Datasheet HTML 14Page - Texas Instruments OPA548 Datasheet HTML 15Page - Texas Instruments OPA548 Datasheet HTML 16Page - Texas Instruments OPA548 Datasheet HTML 17Page - Texas Instruments OPA548 Datasheet HTML 18Page - Texas Instruments OPA548 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
www.ti.com
20ms/div
0
Flag
V
OUT
V+
R
L =1.8kW
V-
DelayinV isdueto
-
testequipment.
Powersuppliesmaybe
appliedinanysequence.
10 s/div
m
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
+125 C
°
+85 C
°
+25 C
°
-
°
55 C
-50V
+50V
2Hz
2msPulse
Mercury
Wetted
Relay
0.988V
PP
0.01Hz
OPA454
20ms/div
0
Flag
V
OUT
V+
R
L =1.8kW
V-
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
REMOVE LOAD
(25mA Source Response)
POWER ON
Figure 54.
Figure 55.
POWER OFF
Figure 56.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com