Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 3Page - Texas Instruments OPA567 Datasheet HTML 4Page - Texas Instruments OPA567 Datasheet HTML 5Page - Texas Instruments OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments OPA567 Datasheet HTML 10Page - Texas Instruments OPA567 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
www.ti.com
0.001
0.01
0.1
1
10
100
1k
10k
Frequency(Hz)
140
120
100
80
60
40
20
0
V
CM = -45V
V
=+45V
CM
-75
-50
-25
0
25
50
75
100
125
ExposedThermalPadTemperature( C)
°
120
100
80
60
40
20
0
1kHz,CMRR
10kHz,CMRR
100kHz,CMRR
1.3MHz,CMRR
V
=+45V
CM
V
CM = -45V
PSRR
1
10
100
1k
10k
100k
1M
Frequency(Hz)
140
120
100
80
60
40
20
0
50
49
48
47
-47
-48
-49
-50
0
10
20
30
40
50
I
(mA)
OUT
+125 C
°
-
°
55 C
-
°
55 C
+25 C
°
+85 C
°
0
150
50
100
200
300
Frequency(kHz)
120
100
80
60
40
20
0
250
V
= 49V
R =4.8k
I
= 10mA
OUT
L
OUT
±
W
±
OffsetVoltage( V)
m
-4000 -3000 -2000
4000
3000
2000
1000
0
-1000
Average=111 V
StandardDeviation=142 V
m
m
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
POWER-SUPPLY AND COMMON-MODE
COMMON-MODE REJECTION RATIO vs FREQUENCY
REJECTION RATIO vs TEMPERATURE
Figure 8.
Figure 9.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
(Measured When Status Flag Transitions From Low to High)
Figure 10.
Figure 11.
DDA PACKAGE OFFSET VOLTAGE
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
PRODUCTION DISTRIBUTION
Figure 12.
Figure 13.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com