Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 12Page - Texas Instruments OPA567 Datasheet HTML 13Page - Texas Instruments OPA567 Datasheet HTML 14Page - Texas Instruments OPA567 Datasheet HTML 15Page - Texas Instruments OPA567 Datasheet HTML 16Page - Texas Instruments OPA567 Datasheet HTML 17Page - Texas Instruments OPA567 Datasheet HTML 18Page - Texas Instruments OPA567 Datasheet HTML 19Page - Texas Instruments OPA567 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
www.ti.com
APPLICATIONS INFORMATION
POWER SUPPLIES
INPUT PROTECTION
R
L
R
2
R
1
OPA454
V-
V+
V+
V
IN
G=1+
R
2
R
1
0.1 F
m
0.1 F
m
V
OUT
Status
Flag
E/DCom
R
(1)
P
I
P
V
OUT
E/D
V+
V-
V-
-IN
+IN
LOWERING OFFSET VOLTAGE AND DRIFT
R ,1st
2
39.1kW
R ,1st
1
10kW
OPA735
V+
1stStage,+5V
V-
1stStage, 5V
-
R ,2nd
2
84.5kW
R ,2nd
1
10kW
OPA454
V+
2ndStage,+50V
V-
2ndStage, 50V
-
A ,1stStage
1
A ,2ndStage
2
V
2ndStage
OUT
V
1stStage
OUT
R
LOAD
10kW
LowOffset,5 V,Drift,
m
0.05 V/ C,Self-ZeroingOpAmp
m
°
Gain1st=4.9V/V
High-VoltageOpAmp
Gain2nd=9.45V/V
V
= 1V
±
INPUT
PP
V
1stStage 4.9V,Max
OUT
±
V
2ndStage 46V(92V ),Max
OUT
PP
±
V = 1V
G
±
OPA454
SBOS391 – DECEMBER 2007
Figure 57 shows the OPA454 connected as a basic
noninverting amplifier. The OPA454 can be used in
The OPA454 may be operated from power supplies
virtually any ±5V to ±50V op amp configuration. It is
up to ±50V or a total of 100V with excellent
especially useful for supply voltages greater than
performance. Most behavior remains unchanged
36V.
throughout
the
full
operating
voltage
range.
Parameters that vary significantly with operating
Power-supply terminals should be bypassed with
voltage are shown in the Typical Characteristics.
0.1
µF (or greater) capacitors, located near the
power-supply pins. Be sure that the capacitors are
Some applications do not require equal positive and
appropriately rated for the power-supply voltage
negative output voltage swing. Power-supply voltages
used.
do not need to be equal. The OPA454 can operate
with as little as 10V between the supplies and with up
to 100V between the supplies. For example, the
positive supply could be set to 90V with the negative
supply at –10V, or vice-versa (as long as the total is
less than or equal to 100V).
The
OPA454
has
increased
protection
against
damage caused by excessive voltage between op
amp input pins or input pin voltages that exceed the
power supplies; external series resistance is not
needed for protection. Internal series JFETs limit
input overload current to a non-destructive 4mA, even
with an input differential voltage as large as 120V.
Additionally, the OPA454 has dielectric isolation
between devices and the substrate. Therefore, the
amplifier is free from the limitations of junction
(1)
Pull-up resistor with at least 10
µA (choose
isolation common to many IC fabrication processes.
RP = 1MΩ with V+ = 50V for IP = 50µA).
Figure 57. Basic Noninverting Amplifier
Configuration
The OPA454 can be used with an OPA735 zero-drift
series op amp to create a high-voltage op amp circuit
that has very low input offset temperature drift. This
circuit is shown in Figure 58.
Figure 58. Two-Stage, High-Voltage Op Amp Circuit With Very Low Input Offset Temperature Drift
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com