Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 5Page - Texas Instruments OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments OPA567 Datasheet HTML 10Page - Texas Instruments OPA567 Datasheet HTML 11Page - Texas Instruments OPA567 Datasheet HTML 12Page - Texas Instruments OPA567 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.ti.com
-75
0
-50
-25
25
75
100
125
ExposedThermalPadTemperature( C)
°
4.0
3.8
3.6
3.4
3.2
3.0
2.0
50
2.8
2.6
2.4
2.2
-75
0
-50
-25
25
75
100
125
ExposedThermalPadTemperature( C)
°
200
180
160
140
120
100
50
5TypicalUnitsShown
-75
-50
-25
0
25
50
75
100
125
ExposedThermalPadTemperature( C)
°
100
10
1
0.1
-50
-40
-30
-20
-10
0
10
20
30
40
50
V
(V)
CM
20
15
10
5
0
-5
-10
-15
-20
Common-ModeVoltageRange
-75
-50
-25
0
25
50
75
100
125
ExposedThermalPadTemperature( C)
°
200
180
160
140
120
100
Sourcing
Sinking
-75
-50
-25
0
25
50
75
100
125
ExposedThermalPadTemperature( C)
°
8
7
6
5
4
3
2
1
0
R =20k ,I =5mA
W
P
P
R =50kW
P
P
,I =2mA
R =100kW
P
P
,I =100 A
m
R =200kW
P
,I =50 A
m
P
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
SHUTDOWN CURRENT vs TEMPERATURE
Figure 20.
Figure 21.
INPUT BIAS CURRENT vs TEMPERATURE
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Figure 22.
Figure 23.
STATUS FLAG VOLTAGE vs TEMPERATURE
CURRENT LIMIT vs TEMPERATURE
(E/D Com Connected to V–)(1)
Figure 24.
Figure 25.
(1)
See Figure 57 in the Applications Information section.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com