Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments OPA567 Datasheet HTML 10Page - Texas Instruments OPA567 Datasheet HTML 11Page - Texas Instruments OPA567 Datasheet HTML 12Page - Texas Instruments OPA567 Datasheet HTML 13Page - Texas Instruments OPA567 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
www.ti.com
-50
-25
0
25
75
100
125
ExposedThermalPadTemperature( C)
°
50
2.0
1.5
1.0
0.5
0
T (+125 Cmax)=T
°
+[(|V |
|V |)I
-
´ q
]
J
O
A
S
O
JA
q
=+52 C/W,SO-8PowerPAD
°
JA
(1in
0.5in
´
[25.4mmx12.7mm]
Heat-Spreader,1ozCopper)
T =+25 C+(1.93W
°
´ 52 C/W)=+125 C
°
°
J
SO-8PowerPAD:
T
=+125 C
J(max)
°
-75
0
-50
-25
25
125
ExposedThermalPadTemperature( C)
°
16
15
14
13
12
11
10
9
8
50
75
100
G=+1
V = 45V
S
±
V
=80VStep
IN
R
=4.8kW
LOAD
20s/div
10
10k
100
1k
100k
Frequency(Hz)
1000
100
10
1
10
10k
100
1k
100k
Frequency(Hz)
0.040
0.035
0.030
0.025
0.020
0.015
0.010
G=+10
R =4.75kW
I
V
=38.6V
PP
V =
S
-55,+55
V =
S
-49,+50
10
10k
100
1k
100k
Frequency(Hz)
0.0030
0.0025
0.0020
0.0015
0.0010
0.0005
0
V =+40.6,
39.6
S
-
V =+41.6, 40.6
-
S
G=+1
R =4.75k
I
W
V
=38.6V
PP
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
MAXIMUM POWER DISSIPATION
vs TEMPERATURE WITH MINIMUM ATTACH AREA
SLEW RATE vs TEMPERATURE
Figure 26.
Figure 27.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
0.01Hz TO 10Hz INPUT VOLTAGE NOISE
Figure 28.
Figure 29.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs TEMPERATURE
vs TEMPERATURE
Figure 30.
Figure 31.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com