Electronic Components Datasheet Search
  English  ▼

X  

DS110DF111 Datasheet(PDF) 21 Page - Texas Instruments

Part # DS110DF111
Description  DS110DF111 Low-Power, Multirate, 2-Channel Retimer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS110DF111 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS110DF111 Datasheet HTML 17Page - Texas Instruments DS110DF111 Datasheet HTML 18Page - Texas Instruments DS110DF111 Datasheet HTML 19Page - Texas Instruments DS110DF111 Datasheet HTML 20Page - Texas Instruments DS110DF111 Datasheet HTML 21Page - Texas Instruments DS110DF111 Datasheet HTML 22Page - Texas Instruments DS110DF111 Datasheet HTML 23Page - Texas Instruments DS110DF111 Datasheet HTML 24Page - Texas Instruments DS110DF111 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
DS110DF111
www.ti.com
SNLS461A – MAY 2013 – REVISED JUNE 2015
Table 9. Rate/Subrate VCO and Data Rate Information
RATE
SUBRATE
GROUP 0 DIVIDE RATIOS(1)
GROUP 1 DIVIDE RATIOS(1)
00 (default)
00 (default)
8
1
00
01
1, 2, 4
1
00
10
1, 2, 4
1, 2, 4
00
11
1, 2, 4
1, 2, 4
01
00
2, 4
2, 4
01
01
1, 4
1, 4
01
10
1, 2, 4, 8
1, 2, 4, 8
01
11
1
1
10
00
1
1
10
01
1
1
10
10
2
2
10
11
2, 4
2, 4
11
00
1
1
11
01
1
1
11
10
1
1
11
11
8
1
(1)
The default datarates are Group 0 = 1.25 Gbps and Group 1 = 10.3125 Gbps.
The DS110DF111 is designed to lock to signals conforming to several different data transmission standards.
These standards may define a single data rate or multiple data rates. The rate and subrate settings of the
DS110DF111 are used to select which VCO divide ratios to enable. The DS110DF111 searches specific
datarates within these enabled VCO divide ratios starting with divide by 8 and working up to divide by 1.
To select datarates based on frequencies other than the VCO defaults a group of PPM Counter registers (0x60 -
0x64) need to be reprogrammed.
Table 10. Group 0 VCO Frequency Programming Registers
Group 0 VCO
Register 0x60[7:0]
Register 0x61[7]
Register 0x61[6:0]
Register 0x64[7:4]
(GHZ)
Frequency
Group 0 PPM Count [7:0]
Override Group 0 PPM
Group 0 PPM Count [14:8]
Group 0 PPM Delta[3:0]
Table 11. Group 1 VCO Frequency Programming Registers
Group 1 VCO
Register 0x62[7:0]
Register 0x63[7]
Register 0x63[6:0]
Register 0x64[3:0]
(GHZ)
Frequency
Group 1 PPM Count [7:0]
Override Group 1 PPM
Group 1 PPM Count [14:8]
Group 1 PPM Delta[3:0]
Table 12. Programming Values for Common Data Rates
VCO Group 0
VCO Group 1
Register 0x60
Register 0x61
Register 0x62
Register 0x63
Register 0x64
(GHz)
(GHz)
9.8304
9.8304
0x26
0xB1
0x26
0xB1
0xFF
9.95328
9.95328
0xC4
0xB1
0xC4
0xB1
0xCC
10.0
10.3125
0x00
0xB2
0x90
0xB3
0xCD
10.51875
10.51875
0x98
0xB4
0x98
0xB4
0xDD
10.70957
11.0957
0x8C
0xB5
0x7A
0xB7
0xDE
To set the VCO Registers for other datarates within the VCO range, the formulas shown can be used to populate
the Group 0/1 VCO programming registers.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DS110DF111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com