Electronic Components Datasheet Search
  English  ▼

X  

DS110DF111 Datasheet(PDF) 39 Page - Texas Instruments

Part # DS110DF111
Description  DS110DF111 Low-Power, Multirate, 2-Channel Retimer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS110DF111 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DS110DF111 Datasheet HTML 35Page - Texas Instruments DS110DF111 Datasheet HTML 36Page - Texas Instruments DS110DF111 Datasheet HTML 37Page - Texas Instruments DS110DF111 Datasheet HTML 38Page - Texas Instruments DS110DF111 Datasheet HTML 39Page - Texas Instruments DS110DF111 Datasheet HTML 40Page - Texas Instruments DS110DF111 Datasheet HTML 41Page - Texas Instruments DS110DF111 Datasheet HTML 42Page - Texas Instruments DS110DF111 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
DS110DF111
www.ti.com
SNLS461A – MAY 2013 – REVISED JUNE 2015
Register Maps (continued)
Table 26. Channel Register Definition (continued)
DEFAULT
DEFAULT
ADDRESS
VALUE
BITS
VALUE
EEPROM
MODE
DESCRIPTION
(HEX)
(HEX)
(BINARY)
7
0
Y
R/W
Reserved
Adaptation Mode <1:0>
00: No adaption
01: Adapt only CTLE till optimal
6:5
10
10: Adapt CTLE till optimal, then DFE, then
CTLE again
11: Adapt CTLE till LOCK, then DFE, then
0x31
40
CTLE till optimal
CTLE Adaptation Figure of Merit Type <1:0>
00: SM uses both HEO and VEO
4:3
00
Y
R/W
01: SM uses only HEO
10: SM uses only VEO
11: SM uses both HEO and VEO
2:0
000
N
Reserved
HEO Interrupt Threshold <3:0>
Compares HEO value,
7:4
0001
Y
R/W
Reg_0x27[7:0] vs. threshold of
Reg_0x32[7:4]*4
0x32
11
VEO Interrupt Threshold <3:0>
Compares VEO value,
3:0
0001
Y
R/W
Reg_0x28[7:0] vs. threshold of
Reg_0x32[3:0]*4
HEO Threshold for CTLE Adaptation Handoff
to DFE Adaptation
7:4
1000
Y
R/W
Compares HEO value,
Reg_0x27[7:0] vs. threshold of
Reg_0x33[7:4]*2
0x33
88
VEO Threshold for CTLE Adaptation Handoff
to DFE Adaptation
3:0
1000
Y
R/W
Compares HEO value,
Reg_0x27[7:0] vs. threshold of
Reg_0x33[3:0]*2
7
0
N
R
PPM Error Ready
6
0
Low power disable
0x34
3F
4:5
11
Lock Counter
Y
R/W
Maximum DFE Tap Absolute Value for Taps
3:0
1111
2–5 <3:0>
7:6
00
Get PPM Error from PPM count - clears when
5
0
0x35
1F
Y
R/W
done
Maximum DFE Tap Absolute Value for Tap 1
4:0
1 1111
<4:0>
7
0
Reserved
Y
6
0
Enable HEO/VEO Interrupt
5:4
11
Y
Reserved
0x36
33
R/W
3
0
N
Reserved
2
0
Y
Cap DAC range override enable
1:0
11
Y
Cap DAC range[1:0]
0x37
00
7:0
00'h
N
R
CTLE Status
0x38
00
7:0
00'h
N
R
DFE Status
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DS110DF111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com