Electronic Components Datasheet Search
  English  ▼

X  

DS110DF111 Datasheet(PDF) 13 Page - Texas Instruments

Part # DS110DF111
Description  DS110DF111 Low-Power, Multirate, 2-Channel Retimer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS110DF111 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS110DF111 Datasheet HTML 9Page - Texas Instruments DS110DF111 Datasheet HTML 10Page - Texas Instruments DS110DF111 Datasheet HTML 11Page - Texas Instruments DS110DF111 Datasheet HTML 12Page - Texas Instruments DS110DF111 Datasheet HTML 13Page - Texas Instruments DS110DF111 Datasheet HTML 14Page - Texas Instruments DS110DF111 Datasheet HTML 15Page - Texas Instruments DS110DF111 Datasheet HTML 16Page - Texas Instruments DS110DF111 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
DS110DF111
www.ti.com
SNLS461A – MAY 2013 – REVISED JUNE 2015
Feature Description (continued)
7.3.1.6 Control Pins
The 4-level input pins use a resistor divider to help set the 4 valid levels and provide a wider range of control
settings when ENSMB=0. There is an internal 30K pull-up and a 60K pull-down connected to the package pin.
These resistors, together with the external resistor connection combine to achieve the desired voltage level.
Using the 1K pull-up, 1K pull-down, no connect, and 20K pull-down provide the optimal voltage levels for each of
the four input states.
Table 1. 4-Level Inputs
LEVEL
SETTING
VOLTAGE
0
1 K to GND
0.1 V
R
20 K to GND
0.33 * VIN
Float
No connection
0.67 * VIN
1
1 K to VIN
VIN - 0.05V
To minimize the startup current associated with the integrated 2.5-V regulator, the 1 K pull-up and pull-down
resistors are recommended. If several 4-level inputs require the same setting, it is possible to combine two or
more 1 K resistors into a single lower value resistor. As an example; combining two inputs with a single 500-
Ω
resistor is a good way to save board space.
7.3.1.6.1
Pin Mode Limitation
Using the control pins directly does limit the ability of the DS110DF111 CTLE to correctly adapt to high frequency
datarates in high loss input channel scenarios. For input channels with more than 15 dB of loss the CTLE
Adaption table and or adaption algorithm needs to be modified in the SMBus channel register so as to prevent
CTLE mal-adaption. This scenario occurs when the CTLE boost is insufficient at the lowest settings to cause
regeneration of the high-frequency content of the K28.5 pattern. As boost is increased, the adaption Figure of
Merit (FOM) temporarily observes eye closure as the EQ boost begins to restore the high-frequency content. If
the FOM does not improve within the look-beyond counter depth, the CTLE will settle at a lower boost, which is
insufficient to equalize the signal and provide good BER. See Table 23 for additional information on CTLE
settings and gain levels.
7.3.1.7 Eye Opening Monitor
The DS110DF111’s Eye Opening Monitor (EOM) measures the internal data eye at the input of the CDR and can
be used for 2 functions:
1. Horizontal Eye Opening (HEO) and Vertical Eye Opening (VEO) measurement
2. Full Eye Diagram Capture
The HEO measurement is made at the 0V crossing and is read in channel register 0x27. The VEO measurement
is made at the 0.5 UI mark and is read in channel register 0x28. The HEO and VEO registers can be read from
channel registers 0x27 and 0x28 at any time while the CDR is locked. The following equations are used to
convert the contents of channel registers 0x27 and 0x28 into their appropriate units:
•
HEO [UI] = ch reg 0x27 ÷ 64
•
VEO [mV] = ch reg 0x28 x 3.125
A full eye diagram capture can be performed when the CDR is locked. The eye diagram is constructed within a
64 x 64 array, where each cell in the matrix consists of an 16-bit word. Users can manually adjust the vertical
scaling of the EOM or allow the state machine to control the scaling which is the default option. The horizontal
scaling controlled by the state machine and is always directly proportional to the data rate.
When a full eye diagram plot is captured, the retimer will shift out 4 16-bit words of junk data that should be
discarded followed by 4096 16-bit words that make up the 64 x 64 eye plot. The first actual word of the eye plot
from the retimer is for (X, Y) position (0,0). Each time the eye plot data is read out the voltage position is
incremented. Once the voltage position has incremented to position 63, the next read will cause the voltage
position to reset to 0 and the phase position to increment. This process will continue until the entire 64 x 64
matrix is read out. Figure 8 shows the EOM read out sequence overlaid on top of a simple eye opening plot. In
this plot any hits are shown in green. This type of plot is helpful for quickly visualizing the HEO and VEO. Users
can apply different algorithms to the output data to plot density or color gradients to the output data.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DS110DF111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com