Electronic Components Datasheet Search
  English  ▼

X  

DS110DF111 Datasheet(PDF) 35 Page - Texas Instruments

Part # DS110DF111
Description  DS110DF111 Low-Power, Multirate, 2-Channel Retimer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS110DF111 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DS110DF111 Datasheet HTML 31Page - Texas Instruments DS110DF111 Datasheet HTML 32Page - Texas Instruments DS110DF111 Datasheet HTML 33Page - Texas Instruments DS110DF111 Datasheet HTML 34Page - Texas Instruments DS110DF111 Datasheet HTML 35Page - Texas Instruments DS110DF111 Datasheet HTML 36Page - Texas Instruments DS110DF111 Datasheet HTML 37Page - Texas Instruments DS110DF111 Datasheet HTML 38Page - Texas Instruments DS110DF111 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
DS110DF111
www.ti.com
SNLS461A – MAY 2013 – REVISED JUNE 2015
Register Maps (continued)
Table 26. Channel Register Definition (continued)
DEFAULT
DEFAULT
ADDRESS
VALUE
BITS
VALUE
EEPROM
MODE
DESCRIPTION
(HEX)
(HEX)
(BINARY)
7:6
00
N
Reserved
PRBS pattern shift Enable.
Use in conjunction with 0x1E[4] and 0x30[3] to
0x0D
00
5
0
Y
R/W
start PRBS.
Note: This bit must be set high last.
4:0
00000
N
Reserved
0x0E
93
7:0
1001 0011
Y
R/W
Reserved
0x0F
69
7:0
0110 1001
Y
R/W
Reserved
7:5
001
0x10
3A
Y
R/W
Reserved
4:0
11010
Eye Opening Monitor Voltage Range <1:0>
00: 3.125 mV
7:6
00
Y
01: 6.250 mV
R/W
10: 9.375 mV
11: 12.500 mV
5
1
Y
Eye Opening Monitor Power Down
4
0
N
R/W
Reserved
0x11
20
DFE Tap 2 Polarity
3
0
Y
(Use w/manual DFE override, 0x15[7])
DFE Tap 3 Polarity
2
0
Y
(Use w/manual DFE override, 0x15[7])
R/W
DFE Tap 4 Polarity
1
0
Y
(Use w/manual DFE override, 0x15[7])
DFE Tap 5 Polarity
0
0
Y
(Use w/manual DFE override, 0x15[7])
DFE Tap 1 Polarity
7
1
Y
R/W
(Use w/manual DFE override, 0x15[7])
6
0
N
R/W
Reserved
0x12
A0
5
1
Y
DFE Select negative gm
R/W
4:0
00000
Y
DFE Tap 1 Weight <4:0>
7
1
N
R/W
6
0
Y
Reserved
5
0
N
R/W
4
1
Y
R/W
Enable DC offset control
0x13
90
3
0
Y
R/W
Reserved
2
0
Y
R/W
CTLE Boost Stage 3, Bit 2 (Limiting Bit)
1
0
Y
R/W
Enable DWDM Mode
0
0
Y
R/W
Reserved
7
0
Y
R/W
Force Signal Detect On
6
0
Y
R/W
Force Signal Detect Off
0x14
00
5:4
00
Y
R/W
Signal Detect – Assert Reference Levels
3:2
00
Y
Signal Detect – De-assert Reference Levels
R/W
1:0
00
N
Reserved
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DS110DF111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com