Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 44 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBT Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 40Page - Texas Instruments TAS3103ADBT Datasheet HTML 41Page - Texas Instruments TAS3103ADBT Datasheet HTML 42Page - Texas Instruments TAS3103ADBT Datasheet HTML 43Page - Texas Instruments TAS3103ADBT Datasheet HTML 44Page - Texas Instruments TAS3103ADBT Datasheet HTML 45Page - Texas Instruments TAS3103ADBT Datasheet HTML 46Page - Texas Instruments TAS3103ADBT Datasheet HTML 47Page - Texas Instruments TAS3103ADBT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
2−10
TAS3103A
TAS3103A
U1
ORIN
SDOUT1
U2
ORIN
SDOUT1
(AB = 1)
(AB = 0)
LR
UU2
LRCLK
SDOUT1U1
32
32
32
32
32
32
32
32
LR
U
LRCLK
U2
V
W
X
32
32
32
32
32
32
32
32
U1
U
V
W
0
X
32
32
32
32
32
32
32
32
UU1
VU2
WU2
XU2
VU1
WU1
XU1
SCLKs
SCLKs
SCLKs
Figure 2−10. 8-CH TDM Format Using SAP Modes 0101 and 1000
TAS3103A
TAS3103A
U1
ORIN
SDOUT1
U2
ORIN
SDOUT1
(AB = 0)
(AB = 1)
LR
UU1
LRCLK
SDOUT1U1
32
32
32
32
32
32
32
32
LR
U
LRCLK
U1
V
W
0
32
32
32
32
32
32
32
32
U2
U
0
W
Y
0
32
32
32
32
32
32
32
32
UU2
VU1
WU1
YU2
WU2
SCLKs
SCLKs
SCLKs
Figure 2−11. 6-CH Data, 8-CH Transfer TDM Format Using SAP Modes 0101 and 1000
For these same two modes, if register X in chip AB = 0 is set to zero, and registers V and X in chip AB = 1 are set
to zero, the resulting format is a 6-CH data, 8-CH transfer format. This option is shown in Figure 2−11.
The data output format in Figure 2−11 is identical to that realized using data output formats 1100 and 1110 in
Figure 2−7. The difference is that SAP modes 1010 and 1000 provide six independent monaural channels to process
the data, whereas SAP modes 1100 and 1110 provide only three independent monaural channels to process the data.
2.1.2
Processing Flow—SAP Input to SAP Output
All SAP data format options other than I2S result in a two-sample delay from input to output, as illustrated in
Figure 2−12. Figure 2−12 is also relevant if I2S formatting is used for both the input SAP and the output SAP (the
polarity of LRCLK in Figure 2−12 must be inverted in this case). However, if I2S format conversions are performed
between input and output, the delay becomes either 1.5 samples or 2.5 samples, depending on the processing clock
frequency selected for the digital audio processor (DAP) relative to the sample rate of the incoming data. The
input-to-output delay for an I2S input format and a non-I2S output format is illustrated in Figure 2−13(a), and
Figure 2−13(b) illustrates the delay for a non-I2S input format and an I2S output format. In each case, two distinct
input-to-output delay times are shown: a 1.5-sample delay time if the processing time in the DAP is less than half the
sample period, and a 2.5-sample delay time if the processing time in the DAP is greater than half the sample period.
The departure from the two-sample input-to-output processing delay when I2S format conversions are performed is
due to the use of a common LRCLK. The I2S format uses the falling edge of LRCLK to begin a sample period, whereas
all other formats use the rising edge of LRCLK to begin a sample period. This means that the input SAP and digital
audio processor (DAP) operate on sample windows that are 180
° out of phase with respect to the sample window
used by the output SAP. This phase difference results in the output SAP outputting a new data sample at the midpoint
of the sample period used by the DAP to process the data. If the processing cycle completes all processing tasks
before the midpoint of the processing sample period, the output SAP outputs this processed data. However, if the
processing time extends past the midpoint of the processing sample period, the output SAP outputs the data
processed during the previous processing sample period. In the former case, the delay from input to output is 1.5
samples. In the latter case, the delay from input to output is 2.5 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com