Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 75 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBT Datasheet(HTML) 75 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 71Page - Texas Instruments TAS3103ADBT Datasheet HTML 72Page - Texas Instruments TAS3103ADBT Datasheet HTML 73Page - Texas Instruments TAS3103ADBT Datasheet HTML 74Page - Texas Instruments TAS3103ADBT Datasheet HTML 75Page - Texas Instruments TAS3103ADBT Datasheet HTML 76Page - Texas Instruments TAS3103ADBT Datasheet HTML 77Page - Texas Instruments TAS3103ADBT Datasheet HTML 78Page - Texas Instruments TAS3103ADBT Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
3−11
The direct-form I structure provides a separate delay element and mixer (gain coefficient) for each node in the biquad
filter. Each mixer output is a signed 76-bit product of a signed 48-bit data sample (25.23-format number) and a signed
28-bit coefficient (5.23-format number). A 76-bit ALU in the TAS3103A allows the 76-bit resolution to be retained when
summing the mixer outputs (filter products). This is an important factor, as it removes the need to carefully tailor the
order of addition for each filter implementation to minimize the effects of finite-precision arithmetic. Intermediate
overflows are allowed while summing the biquad terms to further minimize the effects of finite-precision arithmetic.
See Digital Audio Processor (DAP) Arithmetic Unit, Section 2.4, for more discussion on intermediate overflow.
3.5
Bass and Treble Processing
The TAS3103A has three fully independent bass and treble adjustment blocks—one for each of the three monaural
channels. Adjustments in bass and treble are accomplished by selecting a bass filter set and a treble filter set, and
then selecting a shelf filter within each filter set. The filter set selected, of which there are five sets for treble and five
sets for bass to select from, determines the frequency at which the bass and treble adjustments take effect. The shelf
filters determine the gain to be applied to the bass and treble components of the incoming audio. All selections are
independent of one another—any bass filter set can be combined with any treble filter set and any shelf filter can be
selected in a given filter set.
Figure 3−13 shows the bass and treble selections available, their I2C subaddresses, and the data fields in each
subaddress used to make the selections. Each bass filter set has 150 low-pass shelf filters to choose from, with the
shelves ranging from a cut (attenuation) of 18 dB to a boost (gain) of 18 dB. A shelf selection of 0 dB effectively
removes bass processing. All 150 filters in a given filter set have the same 3-dB frequency, as measured from the
shelf. The only difference in the 150 filters in a given bass filter set is the gain of the shelf.
Each treble filter set has 150 high-pass shelf filters to choose from, with the shelves again ranging from a cut
(attenuation) of 18 dB to a boost (gain) of 18 dB. A shelf selection of 0 dB effectively removes treble processing. All
150 filters in a given filter set have the same 3-dB frequency, as measured from the shelf. The only difference in the
150 filters in a given treble filter set is the gain of the shelf. The three tone controls of the TAS3103A are enabled by
registers 0x73, 0x74 and 0x75, shown in Figure 3−12.
Commands to adjust the bass and treble levels within a given filter set (by commanding the selection of different shelf
filters) results in a soft adjustment to the newly commanded levels. The filters are labeled 1 through 150, with filter
#1 implementing the maximum cut (18 dB) and filter #150 implementing the maximum boost (18 dB). If a command
is received to change a shelf setting, the transition is made by stepping through each filter, one at a time, until the
shelf filter commanded is reached. A soft transition is achieved by residing at each step (or shelf filter) for a period
determined by the programmable parameter TBLC (bit field 7:0 of subaddress 0xF1). The time period set by TBLC
is TBLC/Fs (where Fs is the audio sample rate). For an audio sample rate of 48 kHz and a TBLC setting of 64, the
dwell time on each shelf filter is approximately 1.33 ms. The transition time then depends on the number of shelves
separating the current and commanded shelf values. For 48-kHz audio and a TBLC setting of 64, a maximum
transition time of approximately 198 ms is required to transition from shelf #1 to shelf #150 and a minimum time of
approximately 1.33 ms is required to transition from shelf x to shelf x + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com