Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 85 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBT Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 81Page - Texas Instruments TAS3103ADBT Datasheet HTML 82Page - Texas Instruments TAS3103ADBT Datasheet HTML 83Page - Texas Instruments TAS3103ADBT Datasheet HTML 84Page - Texas Instruments TAS3103ADBT Datasheet HTML 85Page - Texas Instruments TAS3103ADBT Datasheet HTML 86Page - Texas Instruments TAS3103ADBT Datasheet HTML 87Page - Texas Instruments TAS3103ADBT Datasheet HTML 88Page - Texas Instruments TAS3103ADBT Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
3−21
Table 3−4. Volume Adjustment Gain Coefficients
GAIN (dB)
GAIN (FLOAT)
GAIN (COEFFICIENT)
GAIN (dB)
GAIN (FLOAT)
GAIN (COEFFICIENT)
24
15.84893192
07EC A9CD
2
1.25892541
00A1 2477
23.5
14.96235656
077B 2E7F
1.5
1.18850223
0098 20D7
23
14.12537545
0710 0C4D
1
1.12201845
008F 9E4C
22.5
13.33521432
06AA E84D
0.5
1.05925373
0087 95A0
22
12.58925412
064B 6CAD
0
1
0080 0000
21.5
11.88502227
05F1 4868
−0.5
0.94406088
0078 D6FC
21
11.22018454
059C 2F01
−1
0.89125094
0072 1482
20.5
10.59253725
054B D842
−1.5
0.84139514
006B B2D6
20
10
0500 0000
−2
0.79432823
0065 AC8C
19.5
9.44060876
04B8 65DE
−2.5
0.74989421
005F FC88
19
8.91250938
0474 CD1B
−3
0.70794578
005A 9DF7
18.5
8.41395142
0434 FC5C
−3.5
0.66834392
0055 8C4B
18
7.94328235
03F8 BD79
−4
0.63095734
0050 C335
17.5
7.49894209
03BF DD55
−4.5
0.59566214
004C 3EA8
17
7.07945784
038A 2BAC
−5
0.56234133
0047 FACC
16.5
6.68343918
0357 7AEF
−5.5
0.53088444
0043 F405
16
6.30957344
0327 A01A
−6
0.50118723
0040 26E7
15.5
5.95662144
02FA 7292
−6.5
0.47315126
003C 9038
15
5.62341325
02CF CC01
−7
0.44668359
0039 2CED
14.5
5.30884444
02A7 8836
−7.5
0.42169650
0035 FA26
14
5.01187234
0281 8508
−8
0.39810717
0032 F52C
13.5
4.73151259
025D A234
−8.5
0.37583740
0030 1B70
13
4.46683592
023B C147
−9
0.35481339
002D 6A86
12.5
4.21696503
021B C582
−9.5
0.33496544
002A E025
12
3.98107171
01FD 93C1
−10
0.31622777
0028 7A26
11.5
3.75837404
01E1 1266
−10.5
0.29853826
0026 3680
11
3.54813389
01C6 2940
−11
0.28183829
0024 1346
10.5
3.34965439
01AC C179
−11.5
0.26607251
0022 0EA9
10
3.16227766
0194 C583
−12
0.25118864
0020 26F3
9.5
2.98538262
017E 2104
−12.5
0.23713737
001E 5A84
9
2.81838293
0168 C0C5
−13
0.22387211
001C A7D7
8.5
2.66072506
0154 92A3
−13.5
0.21134890
001B 0D7B
8
2.51188643
0141 857E
−14
0.19952623
0019 8A13
7.5
2.37137371
012F 892C
−14.5
0.18836491
0018 1C57
7
2.23872114
011E 8E6A
−15
0.17782794
0016 C310
6.5
2.11348904
010E 86CF
−15.5
0.16788040
0015 7D1A
6
1.99526231
00FF 64C1
−16
0.15848932
0014 4960
5.5
1.88364909
00F1 1B69
−16.5
0.14962357
0013 26DD
5
1.77827941
00E3 9EA8
−17
0.14125375
0012 149A
4.5
1.67880402
00D6 E30C
−17.5
0.13335214
0011 11AE
4
1.58489319
00CA DDC7
−18
0.12589254
0010 1D3F
3.5
1.49623566
00BF 84A6
−18.5
0.11885022
000F 367B
3
1.41253754
00B4 CE07
−19
0.11220185
000E 5CA1
2.5
1.33352143
00AA B0D4
−19.5
0.10592537
000D 8EF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com