Electronic Components Datasheet Search
  English  ▼

X  

LM3241 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3241
Description  LM3241 6-MHz, 750-mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3241 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3241 Datasheet HTML 13Page - Texas Instruments LM3241 Datasheet HTML 14Page - Texas Instruments LM3241 Datasheet HTML 15Page - Texas Instruments LM3241 Datasheet HTML 16Page - Texas Instruments LM3241 Datasheet HTML 17Page - Texas Instruments LM3241 Datasheet HTML 18Page - Texas Instruments LM3241 Datasheet HTML 19Page - Texas Instruments LM3241 Datasheet HTML 20Page - Texas Instruments LM3241 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
IN
OUT
OUT
RIPPLE
IN
V
V
V
1
I
2
L
V
f
§
·
§
·
§ ·
u
u
¨
¸
¨
¸
¨ ¸
u
© ¹
©
¹
©
¹
17
LM3241
www.ti.com
SNOSB38C – JANUARY 2009 – REVISED NOVEMBER 2017
Product Folder Links: LM3241
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8.2.2.1 Setting the Output Voltage
The LM3241 features a pin-controlled adjustable output voltage to eliminate the need for external feedback
resistors. The output voltage can be programmed for an output voltage from 0.6 V to 3.4 V by setting the voltage
on the VCON pin, as shown in Equation 1.
VOUT = 2.5 × VCON
(1)
When the VCON voltage is between 0.24 V and 1.36 V, the output voltage follows proportionally by 2.5 times of
VCON.
If the VCON voltage is less than 0.24 V (VOUT = 0.6 V), the output voltage may be regulated (for details see
Figure 17). Figure 17 exhibits the characteristics of a typical part, and the performance cannot be ensured as a
part-to-part variation could occur for output voltages less than 0.6 V. For VOUT lower than 0.6 V, the converter
could suffer from larger output ripple voltage and higher current limit operation.
8.2.2.2 Inductor Selection
Two main considerations must be considered when choosing an inductor: the inductor should not saturate, and
the inductor current ripple should be small enough to achieve the desired output voltage ripple. Different
manufacturers follow different saturation current rating specifications, so attention must be given to details.
Saturation current ratings are typically specified at 25°C so ratings over the ambient temperature of application
should be requested from manufacturer.
The minimum value of inductance to ensure good performance is 0.3 µH at bias current (ILIM, typical) over the
ambient temperature range. Shielded inductors radiate less noise and should be preferred. Two methods are
avaialble to choose the inductor saturation current rating.
8.2.2.2.1
Method 1
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current. Use Equation 2 to find the saturation current (ISAT).
ISAT > IOUT_MAX + IRIPPLE
where
•
IOUT_MAX is the maximum load current (750 mA).
•
IRIPPLE is the average-to-peak inductor current. Use Equation 3 to calculate the IRIPPLE value.
(2)
where
•
VIN is the maximum input voltage in application.
•
VOUT is the output voltage
•
L is the minimum inductor value including worst-case tolerances (30% drop can be considered for Method 1)
•
f is the minimum switching frequency (5.7 MHz)
(3)
8.2.2.2.2
Method 2
A more conservative and recommended approach is to choose an inductor that can support the maximum
current limit of 1600 mA.
The resistance of the inductor should be less than approximately 0.1 Ω for good efficiency. Table 3 lists
recommended inductors and suppliers.
Table 3. Recommended Inductors
Model
Size (W x L x H) (mm)
Vendor
MIPSZ2012D0R5
2.0 x 1.2 x 1.0
FDK
LQM21PNR54MG0
2.0 x 1.25 x 0.9
Murata
LQM2MPNR47NG0
2.0 x 1.6 x 0.9
Murata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com