Electronic Components Datasheet Search
  English  ▼

X  

LM3241 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3241
Description  LM3241 6-MHz, 750-mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3241 Datasheet(HTML) 4 Page - Texas Instruments

  LM3241 Datasheet HTML 1Page - Texas Instruments LM3241 Datasheet HTML 2Page - Texas Instruments LM3241 Datasheet HTML 3Page - Texas Instruments LM3241 Datasheet HTML 4Page - Texas Instruments LM3241 Datasheet HTML 5Page - Texas Instruments LM3241 Datasheet HTML 6Page - Texas Instruments LM3241 Datasheet HTML 7Page - Texas Instruments LM3241 Datasheet HTML 8Page - Texas Instruments LM3241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
LM3241
SNOSB38C – JANUARY 2009 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: LM3241
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
All pins are limited to the 6-V maximum stated for the VIN supply.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 125°C (typical).
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) and (2).
MIN
MAX
UNIT
Pin voltage
VIN to GND
–0.2
6
V
EN, FB, VCON, SW
(GND
− 0.2)
(VIN + 0.2)(3)
Continuous power dissipation(4)
Internally limited
Junction temperature, TJ-MAX
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-kΩ resistor into each pin. (MIL-STD-883 3015.7).
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(3)
1250
(1)
All voltages are with respect to the potential at the GND pins.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.3 Recommended Operating Conditions
See
(1).
MIN
NOM
MAX
UNIT
Input voltage
2.7
5.5
V
Recommended load current
0
750
mA
TJ
Junction temperature
–40
125
°C
TA
Ambient temperature(2)
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM3241
UNIT
YZR (DSBGA)
6 PINS
RθJA
Junction-to-ambient thermal resistance
117
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1
°C/W
RθJB
Junction-to-board thermal resistance
32.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
32.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com