Electronic Components Datasheet Search
  English  ▼

X  

LM3241 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3241
Description  LM3241 6-MHz, 750-mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3241 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3241 Datasheet HTML 8Page - Texas Instruments LM3241 Datasheet HTML 9Page - Texas Instruments LM3241 Datasheet HTML 10Page - Texas Instruments LM3241 Datasheet HTML 11Page - Texas Instruments LM3241 Datasheet HTML 12Page - Texas Instruments LM3241 Datasheet HTML 13Page - Texas Instruments LM3241 Datasheet HTML 14Page - Texas Instruments LM3241 Datasheet HTML 15Page - Texas Instruments LM3241 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
LM3241
SNOSB38C – JANUARY 2009 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: LM3241
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3241 is a simple, step-down DC-DC converter optimized for powering RF power amplifiers (PAs) in
mobile phones, portable communicators, and similar battery-powered RF devices. The device is designed to
allow the RF PA to operate at maximum efficiency over a wide range of power levels from a single Li-Ion battery
cell. The design is based on a voltage-mode buck architecture, with synchronous rectification for high efficiency.
The device is designed for a maximum load capability of 750 mA in PWM mode. Maximum load range may vary
from this depending on input voltage, output voltage, and the inductor chosen.
Three modes of operation are available depending on the current required: pulse width modulation (PWM), Eco-
mode (economy mode), and shutdown. The LM3241 operates in PWM mode at higher load-current conditions.
Lighter loads cause the device to automatically switch into Eco-mode. Shutdown mode turns off the device and
reduces battery consumption to 0.1 µA (typical).
Precision of the DC PWM-mode output voltage is ±2% for 3.4 VOUT. Efficiency is around 95% (typical) for a 500-
mA load with a 3.3-V output and 3.9-V input. The output voltage is dynamically programmable from 0.6 V to 3.4
V by adjusting the voltage on the control pin (VCON) without the need for external feedback resistors. This
feature ensures longer battery life by being able to change the PA supply voltage dynamically depending on its
transmitting power.
Additional features include current overload protection and thermal overload shutdown.
The LM3241 is constructed using a chip-scale, 6-bump DSBGA package. This package offers the smallest
possible size for space-critical applications, such as cell phones, where board area is an important design
consideration. Use of a high switching frequency (6 MHz, typical) reduces the size of external components. As
shown in Figure 29, only three external power components are required for implementation. Use of a DSBGA
package requires special design considerations for implementation (for more information see the DSBGA
Package Assembly and Use section.) The fine-bump pitch of the package requires careful board design and
precision assembly equipment. Use of this package is best suited for opaque-case applications, where its edges
are not subject to high-intensity ambient red or infrared light. Also, the system controller should set EN low during
power-up and other low supply voltage conditions (see the Shutdown Mode section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com