Electronic Components Datasheet Search
  English  ▼

X  

LM3241 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3241
Description  LM3241 6-MHz, 750-mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3241 Datasheet(HTML) 2 Page - Texas Instruments

  LM3241 Datasheet HTML 1Page - Texas Instruments LM3241 Datasheet HTML 2Page - Texas Instruments LM3241 Datasheet HTML 3Page - Texas Instruments LM3241 Datasheet HTML 4Page - Texas Instruments LM3241 Datasheet HTML 5Page - Texas Instruments LM3241 Datasheet HTML 6Page - Texas Instruments LM3241 Datasheet HTML 7Page - Texas Instruments LM3241 Datasheet HTML 8Page - Texas Instruments LM3241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
LM3241
SNOSB38C – JANUARY 2009 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: LM3241
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
System Characteristics ............................................. 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Application ................................................. 16
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 21
11
Device and Documentation Support ................. 22
11.1
Documentation Support ........................................ 22
11.2
Receiving Notification of Documentation Updates 22
11.3
Community Resources.......................................... 22
11.4
Trademarks ........................................................... 22
11.5
Electrostatic Discharge Caution ............................ 22
11.6
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (April 2013) to Revision C
Page
•
Added the Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes
section, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
•
Deleted the maximum lead temperature parameter from the Absolute Maximum Ratings table........................................... 4
•
Changed the minimum TJ and TA from –30°C to –40°C in the Recommended Operating Conditions table ......................... 4
•
Added the Thermal Information table ..................................................................................................................................... 4
•
Added maximum values for VOUT step rise and fall times under –40°C to 85°C TA range in the System
Characteristics table ............................................................................................................................................................... 6
•
Added maximum value for turnon time under –40°C to 85°C TA range in the System Characteristics table ........................ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com