Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM3550
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 29Page - Texas Instruments LM3550 Datasheet HTML 30Page - Texas Instruments LM3550 Datasheet HTML 31Page - Texas Instruments LM3550 Datasheet HTML 32Page - Texas Instruments LM3550 Datasheet HTML 33Page - Texas Instruments LM3550 Datasheet HTML 34Page - Texas Instruments LM3550 Datasheet HTML 35Page - Texas Instruments LM3550 Datasheet HTML 36Page - Texas Instruments LM3550 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2.7
3.3
3.8
4.4
4.9
5.5
TA = +85°C
IOUT = 200 mA, 4.5V Fixed Voltage Mode
TA = -30°C and +25°C
VIN (V)
100
90
80
70
60
50
40
30
20
10
0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.0V
VLED = 3.3V
VLED = 3.6V
ILED = 100 mA
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2.7
3.3
3.8
4.4
4.9
5.5
TA = +85°C
IOUT = 200 mA, 5.3V Fixed Voltage Mode
TA = -30°C
TA = +25°C
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2.7
3.3
3.8
4.4
4.9
5.5
TA = +85°C
IOUT = 200 mA, 5.0V Fixed Voltage Mode
TA = -30°C
TA = +25°C
VIN (V)
100
90
80
70
60
50
40
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
IOUT = 200 mA, 5.0V Fixed Voltage Mode
TA = -30°C and +25°C
VIN (V)
100
90
80
70
60
50
40
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +85°C
IOUT = 200 mA, 4.5V Fixed Voltage Mode
TA = -30°C and +25°C
33
LM3550
www.ti.com
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.2.3 Application Curves
5-V Mode
Figure 54. Converter Efficiency vs Input Voltage
4.5-V Mode
Figure 55. Converter Efficiency vs Input Voltage
5.3-V Mode
Figure 56. Input Current vs Input Voltage
5-V Mode
Figure 57. Input Current vs Input Voltage
4.5-V Mode
Figure 58. Input Current vs Input Voltage
100 mA
Figure 59. LED Efficiency vs Input Voltage Torch Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com