Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3550
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550 Datasheet(HTML) 1 Page - Texas Instruments

  LM3550 Datasheet HTML 1Page - Texas Instruments LM3550 Datasheet HTML 2Page - Texas Instruments LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
CIN
COUT
VIN
VOUT
C1+
C1-
C2+ C2-
C1
C2
BAL
FET_CON
LED-
FB
SCL
SDA
STROBE
IND
VIO
LM3550
GND
4.7 PF
2.2 PF
1 PF
1 PF
ALD/TEMP
C1 = C2 = 1 PF, CIN = 4.7 PF, COUT = 2.2 PF
10 V X5R or X7R
Super-
Capacitor
2.7 V to 5.5 V
RSENSE
EOC
NTC
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
LM3550 5-A Super-Capacitor Flash LED Driver
1
1 Features
1
•
Up to 5 A Flash Current
•
4 Selectable Super-Capacitor Charge Voltage
Levels (4.5 V, 5 V, 5.3 V, Optimized)
•
Adjustable Torch Current (60 mA to 200 mA)
•
Ambient Light or LED Thermal Sensing With
Current Scaleback
•
Dedicated Indicator LED Current Source
•
No Inductor Required
•
Programmable Flash Pulse Duration, and Torch
and Flash Currents via I2C-Compatible Interface
•
True Shutdown (LED Disconnect)
•
Flash Timeout Protection
•
Low Profile 20-Pin UQFN Package
(3 mm × 2.5 mm × 0.8 mm)
2 Applications
•
Digital Still Camera
•
Voltage Rail Management
•
Fire Alarm Notification
•
Emergency Strobe Lighting
•
Intruder Alert Notification
•
Barcode Scanner
•
Handheld Data Terminal
3 Description
The
LM3550
device
is
a
low-noise,
switched-
capacitor DC-DC converter designed to operate as a
current-limited and adjustable (up to 5.3 V) super-
capacitor
charger.
The
LM3550
features
user-
selectable termination voltages and provides one
adjustable constant current output (up to 200 mA)
and one NFET controller ideal for driving one or more
high-current LEDs in a high-power flash mode or a
low-power torch mode.
The LED current and flash pulse duration of the
LM3550 can be programmed via an I2C-compatible
interface. The STROBE pin allows the flash to be
toggled via a flash-enable signal from a controller or
camera module. The EOC pin sinks current when the
output voltage reaches 95% of the final value.
The ALD/TEMP input pin allows either a light sensor
to adjust the flash-current level based on the ambient
light conditions, or it allows for overtemperature
detection and protection of the LED during high-
power
operation
or
high
ambient-temperature
conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3550
UQFN (16)
3.00 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LM3550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3550 TI1-LM3550 Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550 TI1-LM3550 Datasheet
1Mb / 37P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SP TI1-LM3550SP Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SP/NOPB TI1-LM3550SP/NOPB Datasheet
1Mb / 37P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SPX TI1-LM3550SPX Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
More results

Similar Description - LM3550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
High Power Switched Capacitor Voltage Convertor/Flash LED Driver
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
Switched Capacitor Flash LED Driver in micro SMD
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
4.3A Super Capacitor Flash LED Driver with 12C
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
Integrated Silicon Solu...
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
FLASH LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com