Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3550
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550 Datasheet(HTML) 5 Page - Texas Instruments

  LM3550 Datasheet HTML 1Page - Texas Instruments LM3550 Datasheet HTML 2Page - Texas Instruments LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
LM3550
www.ti.com
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance (RθJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm × 76 mm × 1.6 mm with a 2 × 1
array of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/36 µm
(1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1 W.
(3)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers are not ensured,
but do represent the most likely norm. Unless otherwise specified, conditions for TYP specifications are: VIN = 3.6 V and TA = 25°C.
6.5 Electrical Characteristics
Typical imits are for TJ = 25°C; minimum and maximum limits apply over the full ambient junction temperature range (−30°C ≤
TA ≤ 85°C). Unless otherwise noted, specifications apply to Typical Application with: : VIN = 3.6 V, CIN = 4.7 µF, COUT = 2.2
µF, C1 = C2 = 1 µF.
(1) (2)
PARAMETER
TEST CONDITION
MIN(3)
TYP
MAX(3)
UNIT
ILED–
Current sink accuracy
2.7 V
≤ VIN ≤ 5.5 V
3 V
≤ VIN ≤ 5.5 V
54
60
66
mA
90
100
110
180
200
220
VOVP
Output overvoltage protection
2.7 V
≤ VIN ≤ 5.5 V
Going into OVP
5.3
5.479
V
Hysteresis
0.2
VOUT
Output voltage regulation
2.7 V
≤ VIN ≤ 5.5 V, IOUT = 0 mA
4.275
4.5
4.666
V
4.75
5
5169
5.035
5.3
5.479
VBAL
BAL pin voltage regulation
2.7 V
≤ VIN ≤ 5.5 V
VOUT / 2
IIND
IND pin current regulation
2.7 V
≤ VIN ≤ 5.5 V, VIND = 2 V
3.3
4.8
6.3
mA
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
0.882
1
1.153
MHz
VFB
FEEDBACK pin regulation
voltage
2.7 V
≤ VIN ≤ 5.5 V, VOUT = 4.6 V
94
100
106
mV
VALD/TEMP
ALD/TEMP pin reference voltage
2.7 V
≤ VIN ≤ 5.5 V
095
1
1.05
V
VEOC
EOC pin output logic load
ILOAD = 3 mA
400
mV
IIN-CL
Input current limit
VOUT = 0 V
534
610
mA
ISD
Shutdown supply current
Device disabled, 2.7 V
≤ VIN ≤ 5.5 V
1.8
4
µA
IQ
Quiescent supply current
2.7 V
≤ VIN ≤ 5.5 V, IOUT = 0 mA
5-V charge mode, non switching
168
240
µA
VSTROBE
STROBE logic thresholds
2.7 V
≤ VIN ≤ 5.5 V
High
1.23
VIN
V
Low
0
0.7
I2C-COMPATIBLE VOLTAGE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.7
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.23
VIN
V
VOL
Output logic low
ILOAD = 3 mA
400
mV
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
t1
SCK (clock period)
294
ns
t2
Data in setup time to SCL high, ƒSCL = 400 kHz
100
ns
t3
Data out stable after SCL low, ƒSCL = 400 kHz
0
ns
t4
SDA low setup time to SCL low (start), fSCL = 400 kHz
100
ns
t5
SDA igh hold time after SCL high (stop), fSCL = 400 kHz
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com