Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3550
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
VIN (V)
100
90
80
70
60
50
40
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
IOUT = 200 mA, 5.3V Fixed Voltage Mode
TA = -30°C and +25°C
BRC (#)
220
200
180
160
140
120
100
80
60
40
0
1
2
3
4
5
6
7
TA = +25°C
VIN = 3.6V, VLED = 3.3V
TA = +85°C
TA = -30°C
VOUT (V)
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VIN = 5.5V
VIN = 4.2V
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
VOUT (V)
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
TA = -30°C
TA = +85°C
TA = +25°C
IOUT (A)
4.80
4.70
4.60
4.50
4.40
4.30
4.20
0.00
0.05
0.10
0.15
0.20
0.25
TA = -30°C, +25°C
VIN = 3.6V
TA = 85°C
4.80
4.70
4.60
4.50
4.40
4.30
4.20
IOUT (A)
4.75
4.70
4.65
4.60
4.55
4.50
4.45
4.40
4.35
4.30
4.25
0.00
0.05
0.10
0.15
0.20
0.25
VIN = 5.5V
VIN = 2.7V
TA = 25°C
VIN = 4.2V, 3.6V, 3.3V, 3.0V
4.75
4.70
4.60
4.65
4.40
4.30
4.25
4.55
4.50
4.45
4.35
7
LM3550
www.ti.com
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; CIN = 4.7 µF, COUT = 2.2 µF, C1 = C2 = 1 µF. Super capacitor = 0.5 F
TDK EDLC272020-501-2F-50.
4.5-V Mode
Figure 6. Output Voltage vs Output Current
4.5-V Mode, Tri-Temp
Figure 7. Output Voltage vs Output Current
Figure 8. Input Current Limit vs Output Voltage
Figure 9. Input Current Limit vs Output Voltage Tri-Temp
5.3-V Mode
Figure 10. Converter Efficiency vs Input Voltage
Figure 11. Torch Current vs Brightness Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com