Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4947
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947 Datasheet(HTML) 2 Page - Texas Instruments

  LM4947 Datasheet HTML 1Page - Texas Instruments LM4947 Datasheet HTML 2Page - Texas Instruments LM4947 Datasheet HTML 3Page - Texas Instruments LM4947 Datasheet HTML 4Page - Texas Instruments LM4947 Datasheet HTML 5Page - Texas Instruments LM4947 Datasheet HTML 6Page - Texas Instruments LM4947 Datasheet HTML 7Page - Texas Instruments LM4947 Datasheet HTML 8Page - Texas Instruments LM4947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
8:
LS-
Loud
Speaker
Mixer
and
Output
Mode
Select
National
3D
Volume Control
Volume Control
Volume Control
CO
32:
C O
100 PF
32:
V
DD
0.1 PF
CS1
1 PF
ceramic
CS2
+
-
MUX
Interface
I
2
C
Click/Pop
Suppression
2.2 PF
CB
CBypass
LS+
VOC
LHP
RHP
optional
capacitors
RIN2 or R
-
RIN1 or R
+
LIN1 or L
+
LIN2 or L
-
SDA
SCL
ADDR
I
2
CVDD
1 PF
1 PF
0.22 PF
0.22 PF
0.22 PF
0.22 PF
MIN+
MIN-
-59.50 dB to +18 dB
-59.50 dB to +18 dB
-59.50 dB to +18 dB
100 PF
C3DR
C 3DL
+6dB
8:
LS-
Loud
Speaker
Mixer
and
Output
Mode
Select
National
3D
Volume Control
Volume Control
Volume Control
32:
32:
VDD
0.1 PF
CS1
1 PF
ceramic
CS2
+
-
MUX
I
2
C
Interface
Click/Pop
Suppression
2.2 PF
CB
CBypass
LS+
optional
capacitors
RIN2 or R
-
RIN1 or R
+
LIN1 or L
+
LIN2 or L
-
SDA
SCL
ADDR
I
2
CVDD
1 PF
1 PF
0.22 PF
0.22 PF
0.22 PF
0.22 PF
MIN+
MIN-
-59.50 dB to +18 dB
-59.50 dB to +18 dB
-59.50 dB to +18 dB
C3DR
C 3DL
+6 dB
VOC
LHP
RHP
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATION
Figure 1. Typical Audio Amplifier Application Circuit-Output Capacitor-less
Figure 2. Typical Audio Amplifier Application Circuit-Single Ended
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com