Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4947
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947 Datasheet(HTML) 4 Page - Texas Instruments

  LM4947 Datasheet HTML 1Page - Texas Instruments LM4947 Datasheet HTML 2Page - Texas Instruments LM4947 Datasheet HTML 3Page - Texas Instruments LM4947 Datasheet HTML 4Page - Texas Instruments LM4947 Datasheet HTML 5Page - Texas Instruments LM4947 Datasheet HTML 6Page - Texas Instruments LM4947 Datasheet HTML 7Page - Texas Instruments LM4947 Datasheet HTML 8Page - Texas Instruments LM4947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS
Bump
Name
Description
A1
RIN2
Right Input Channel 2 or Right Differential Input –
A2
LIN1
Left Input Channel 1 or Left Differential Input +
A3
MIN+
Mono Channel Non-inverting Input
A4
RHP3D1
Right Headphone 3D Input 1
A5
RHP3D2
Right Headphone 3D Input 2
B1
RIN1
Right Input Channel 1 or Right Differential Input +
B2
LIN2
Left Input Channel 2 or Left Differential Input–
B3
MIN-
Mono Channel Inverting Input
B4
LHP3D1
Left Headphone 3D Input 2
B5
LHP3D2
Left Headphone 3D Input 1
C1
ADDR
Address Identification
C2
SDA
Serial Data Input
C3
SCL
Serial Clock Input
C4
CBYPASS
Half-Supply Bypass Capacitor
C5
VOC
Headphone return bias output
D1
AVDD
Analog Power Supply
D2
LSVDD
Loudspeaker Power Supply
D3
I2CVDD
I2C Interface Power Supply
D4
AVDD
Analog Power Supply
D5
RHP
Right Headphone Output
E1
LS-
Loudspeaker Output Negative
E2
GND
Ground
E3
LS+
Loudspeaker Output Positive
E4
GND
Ground
E5
LHP
Left Headphone Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com