Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4947
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4947 Datasheet HTML 17Page - Texas Instruments LM4947 Datasheet HTML 18Page - Texas Instruments LM4947 Datasheet HTML 19Page - Texas Instruments LM4947 Datasheet HTML 20Page - Texas Instruments LM4947 Datasheet HTML 21Page - Texas Instruments LM4947 Datasheet HTML 22Page - Texas Instruments LM4947 Datasheet HTML 23Page - Texas Instruments LM4947 Datasheet HTML 24Page - Texas Instruments LM4947 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
0
14
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
0
2
4
6
8
10
12
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
+0
20
100 200
500 1k 2k
5k 10k 20k
50
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Left to right
Right to left
FREQUENCY (Hz)
+0
20
100 200
500 1k 2k
5k 10k 20k
50
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Right to left
Left to right
FREQUENCY (Hz)
+0
20
100 200
500 1k 2k
5k 10k 20k
50
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Left to right
Right to left
FREQUENCY (Hz)
+0
20
100 200
500 1k 2k
5k 10k 20k
50
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Right to left
Left to right
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Crosstalk vs Frequency
Crosstalk vs Frequency
VDD = 3.3V, RL = 32Ω, PO = 12mW
VDD = 3.3V, RL = 32Ω, PO = 12mW
Mode 4, OCL
Mode 4, SE
Figure 72.
Figure 73.
Crosstalk vs Frequency
Crosstalk vs Frequency
VDD = 5V, RL = 32Ω, PO = 30mW
VDD = 5V, RL = 32Ω, PO = 30mW
Mode 4, OCL
Mode 4, SE
Figure 74.
Figure 75.
Supply Current vs Supply Voltage
Supply Current vs Supply Voltage
No Load, Mode 7, OCL
No Load, Mode 7, SE
Figure 76.
Figure 77.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com