Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4947
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4947 Datasheet HTML 3Page - Texas Instruments LM4947 Datasheet HTML 4Page - Texas Instruments LM4947 Datasheet HTML 5Page - Texas Instruments LM4947 Datasheet HTML 6Page - Texas Instruments LM4947 Datasheet HTML 7Page - Texas Instruments LM4947 Datasheet HTML 8Page - Texas Instruments LM4947 Datasheet HTML 9Page - Texas Instruments LM4947 Datasheet HTML 10Page - Texas Instruments LM4947 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS 5V
(1) (2)
The following specifications apply for VDD = 5V, TA = 25°C and all gains are set for 0dB unless otherwise specified.
Symbol
Parameter
Conditions
LM4947
Units
(Limits)
Typical(3)
Limits(4)
Output Modes 2, 4, 6
VIN = 0V; No load,
5.4
7.5
mA
OCL = 0 (Table 2)
IDDQ
Quiescent Supply Current
Output Modes 1, 3, 5, 7
VIN = 0V; No load, BTL,
7.6
12
mA
OCL = 0 (Table 2)
ISD
Shutdown Current
Output Mode 0
0.1
1
µA (max)
VIN = 0V, Mode 7, Mono
2
15
mV
(max)
VOS
Output Offset Voltage
VIN = 0V, Mode 7, Headphones
2
15
mV
(max)
MONOOUT; RL = 8Ω
1.19
W
THD+N = 1%; f = 1kHz, BTL, Mode 1
PO
Output Power
ROUT and LOUT; RL = 32Ω
87
mW
THD+N = 1%; f = 1kHz, SE, Mode 4
MONOOUT
f = 1kHz, POUT = 500mW;
0.04
%
RL = 8Ω, BTL, Mode 1
THD+N
Total Harmonic Distortion + Noise
ROUT and LOUT
f = 1kHz, POUT = 30mW;
0.01
%
RL = 32Ω, SE, Mode 4
A-weighted, 0dB
inputs terminated, output referred
Speaker; Mode 1
38
μV
Speaker; Mode 3
38
μV
Speaker; Mode 5
39
μV
Speaker; Mode 7
36
μV
NOUT
Output Noise
Headphone; SE, Mode 2
21
μV
Headphone; SE, Mode 4
21
μV
Headphone; SE, Mode 6
24
μV
Headphone; OCL, Mode 2
16
μV
Headphone; OCL, Mode 4
16
μV
Headphone; OCL, Mode 6
19
μV
(1)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typical specifications are specified at +25°C and represent the most likely parametric norm.
(4)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com