Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV112
Description  LMV112 40 MHz Dual Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV112 Datasheet(HTML) 2 Page - Texas Instruments

  LMV112 Datasheet HTML 1Page - Texas Instruments LMV112 Datasheet HTML 2Page - Texas Instruments LMV112 Datasheet HTML 3Page - Texas Instruments LMV112 Datasheet HTML 4Page - Texas Instruments LMV112 Datasheet HTML 5Page - Texas Instruments LMV112 Datasheet HTML 6Page - Texas Instruments LMV112 Datasheet HTML 7Page - Texas Instruments LMV112 Datasheet HTML 8Page - Texas Instruments LMV112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMV112
VCC
GND
1 nF
EN1
IN1
IN2
EN2
1
1
2
3
4
5
6
7
8
OUT1
OUT2
VCTCXO
Rload
Rload
Cload
Cload
LOAD1
LOAD2
Enable
2
Enable
LMV112
SNAS297B – MAY 2005 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATION
Figure 1.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltages (V+– V−)
5.5V
ESD Tolerance (3)
Human Body
2000V
Machine Model
200V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (4)
+150°C
Soldering Information
Infrared or Convection (35 sec.)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see the
Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model: 1.5 k
Ω in series with 100 pF. Machine Model: 0Ω in series with 200 pF.
(4)
The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA) / θJA. All numbers apply for packages soldered directly onto a PC board.
OPERATING RATINGS
(1)
Supply Voltage (V+ – V−)
2.4V to 5.0V
Temperature Range (2) (3)
−40°C to +85°C
Package Thermal Resistance (2) (3)
WSON-8 (
θJA)
217°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see the
Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA) / θJA. All numbers apply for packages soldered directly onto a PC board.
(3)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA .
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMV112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com