Electronic Components Datasheet Search
  English  ▼

X  

MAX3222CPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # MAX3222CPWR
Description  MAX3222 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3222CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button MAX3222CPWR Datasheet HTML 8Page - Texas Instruments MAX3222CPWR Datasheet HTML 9Page - Texas Instruments MAX3222CPWR Datasheet HTML 10Page - Texas Instruments MAX3222CPWR Datasheet HTML 11Page - Texas Instruments MAX3222CPWR Datasheet HTML 12Page - Texas Instruments MAX3222CPWR Datasheet HTML 13Page - Texas Instruments MAX3222CPWR Datasheet HTML 14Page - Texas Instruments MAX3222CPWR Datasheet HTML 15Page - Texas Instruments MAX3222CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
15
14
8
1
2
3
4
7
DIN1
PWRDOWN
NC
13
DOUT1
20
17
16
19
18
ROUT1
5
6
+
−
C3
VCC
C2+
C1
C2
C1+
GND
V−
C1−
RIN1
C2−
+
−
CBYPASS
= 0.1 µF
V+
+
−
+
−
DOUT2
EN
C4
+
−
9
10
Powerdown
12
11
DIN2
NC
RIN2
ROUT2
12
MAX3222
SLLS408H – JANUARY 2000 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: MAX3222
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The MAX3222 interfaces a universal asynchronous receiver / transmitter (UART) to RS-232 port voltage levels.
External capacitors are used to generate RS-232 compliant voltages. For proper operation, add capacitors as
shown in Figure 8.
9.2 Typical Application
ROUT and DIN connect to UART or general purpose logic lines. RIN and DOUT lines connect to a RS232
connector or cable.
C3 can be connected to VCC or GND.
Resistor values shown are nominal.
NC
− No internal connection
Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should
be connected as shown.
Figure 8. Recommended Application Schematic
9.2.1 Design Requirements
•
Recommended VCC is 3.3 V or 5 V. 3 V to 5.5 V is also possible
•
Maximum recommended bit rate is 250 kbit/s.
Table 3. VCC vs Capacitor Values
VCC
C1
C2, C3, and C4
3.3 V ± 0.3 V
0.1 µF
0.1 µF
5 V ± 0.5 V
0.047 µF
0.33 µF
3 V ± 5.5 V
0.1 µF
0.47 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com