Electronic Components Datasheet Search
  English  ▼

X  

OPA358 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA358
Description  3V Single-Supply 80MHz High-Speed Op Amp in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA358 Datasheet(HTML) 3 Page - Texas Instruments

  OPA358 Datasheet HTML 1Page - Texas Instruments OPA358 Datasheet HTML 2Page - Texas Instruments OPA358 Datasheet HTML 3Page - Texas Instruments OPA358 Datasheet HTML 4Page - Texas Instruments OPA358 Datasheet HTML 5Page - Texas Instruments OPA358 Datasheet HTML 6Page - Texas Instruments OPA358 Datasheet HTML 7Page - Texas Instruments OPA358 Datasheet HTML 8Page - Texas Instruments OPA358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA358
SB0S296C − MARCH 2004 − REVISED FEBRUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +3.3V Single-Supply
Boldface limits apply over the specified temperature range, TA = −40°C to +85°C.
All specifications at TA = +25°C, RL = 150Ω connected to VS/2, unless otherwise noted.
OPA358
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +3.3V
±2
±6
mV
Over Temperature
Specified Temperature Range
±15
mV
Drift
dVOS/dT
Specified Temperature Range
5
µV/°C
vs. Power Supply
PSRR
VS = +2.7V to +3.3V
±80
±350
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.3
±50
pA
Input Offset Current
IOS
±1
±50
pA
NOISE
Input Voltage Noise Density
en
f = 1MHz
6.4
nV/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.1
(V+) − 1.0
V
Common-Mode Rejection Ratio
CMRR
VS = +3.3V, −0.1V < VCM < 2.3V
60
80
dB
Specified Temperature Range
60
dB
INPUT IMPEDANCE
Differential
1013 || 1.5
Ω || pF
Common-Mode
1013 || 1.5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VS = +3.3V, 0.1V < VO < 3.1V
84
92
dB
Over Temperature
See Typical Characteristics
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = +10, RL = 1kΩ
80
MHz
Bandwidth for 0.1dB Gain Flatness
f0.1dB
G = +2, VO = 100mVPP, RF = 560Ω
12
MHz
Bandwidth for 0.5dB Gain Flatness
f0.5dB
G = +2, VO = 100mVPP, RF = 560Ω
25
MHz
Slew Rate
SR
VS = +3.3V, G = +2, 2.5V Output Step
55
V/
µs
Settling Time to 0.1%
G = 1, RL = 150Ω
35
ns
Differential Gain Error
PAL, RL = 150Ω
0.3
%
Differential Phase Error
PAL, RL = 150Ω
0.7
°
OUTPUT
Voltage Output Swing from Rail
VS = +3.3V, AOL > 84dB
(V−) + 100
(V+) − 200
mV
Over Temperature
VS = +3.3V
(V−) + 100
(V+) − 300
mV
VS = +3.3V, VIN = 0V, RL = 150Ω to GND
5
mV
Output Current(1)
IO
VS = +3.3V, 0.5V from Supplies
±50
mA
Open-Loop Output Impedance
f = 1MHz, IO = 0
20
Ω
POWER SUPPLY
Specified Voltage Range
VS
2.7
3.3
V
Minimum Operating Voltage Range
2.5 to 3.6
V
Quiescent Current
IQ
VS = +3.3V, Enabled, IO = 0
5.2
7.5
mA
Specified Temperature Range
8.5
mA
ENABLE/SHUTDOWN FUNCTION
Disabled (logic−LOW Threshold)
0.8
V
Enabled (logic−HIGH Threshold)
1.6
V
Enable Time
1.5
µs
Disable Time
50
ns
Shutdown Current
VS = +3.3, Disabled
2.5
5
µA
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
SC70
250
°C/W
(1) See typical characteristics chart, Output Voltage Swing vs Output Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com