Electronic Components Datasheet Search
  English  ▼

X  

OPA358 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA358
Description  3V Single-Supply 80MHz High-Speed Op Amp in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA358 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA358 Datasheet HTML 6Page - Texas Instruments OPA358 Datasheet HTML 7Page - Texas Instruments OPA358 Datasheet HTML 8Page - Texas Instruments OPA358 Datasheet HTML 9Page - Texas Instruments OPA358 Datasheet HTML 10Page - Texas Instruments OPA358 Datasheet HTML 11Page - Texas Instruments OPA358 Datasheet HTML 12Page - Texas Instruments OPA358 Datasheet HTML 13Page - Texas Instruments OPA358 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
OPA358
SB0S296C − MARCH 2004 − REVISED FEBRUARY 2005
www.ti.com
10
The output voltage swing for the circuit with sag correction
(see Figure 7b) is a function of the coupling capacitor
value. The value of the sag correction capacitor has only
a minor influence. The smaller the coupling capacitor, the
greater the output swing. Therefore, to accommodate the
large signal swing with very small coupling capacitors
(22
µF and 33µF), a higher supply voltage might be
needed.
DC-COUPLED OUTPUT
Due to the excellent swing to ground, the OPA358 can also
be DC- coupled to a video load. As shown in Figure 8, this
eliminates the need for AC-coupling capacitors at the
output. This is especially important in portable video
applications where board space is restricted.
The DC-coupled output configuration also shows the best
video performance. There is no line or field tilt—allowing
use of the lowest power supply. In this mode, the OPA358
will safely operate down to 2.5V with no clipping of the
signal.
The disadvantage with DC-coupled output is that it uses
somewhat higher supply current.
WIDEBAND VIDEO MULTIPLEXING
One common application for video amplifiers which
include an enable pin is to wire multiple amplifier outputs
together, then select which one of several possible video
inputs to source onto a single line. This simple Wired-OR
Video Multiplexer can be easily implemented using the
OPA358, as shown in Figure 9.
R
OUT
75
Ω
V+ = 2.7V to 3.3V
Enable
(1)
Video
DAC
NOTE: (1) Optional 200
Ωfor use with TI’s digital media processors,
and 500
Ωfor OMAP2420 and OMAP2430 processors.
75
Ω
R
2
Television
or VCR
OPA358
R
1
GND
G= 1 +
R
1
R
2
Figure 8. DC-Coupled Input/DC-Coupled Output
1k
Ω
OPA358
+3.3
1
µF
10nF
75
Ω
V
OUT
75
Ω
Signal #1
75
Ω
1k
Ω
+
1k
Ω
HCO4
OPA358
+3.3V
1
µF
10nF
75
Ω
Signal #2
Select
1k
Ω
+
B
ON
A
ON
Figure 9. Multiplexed Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com