Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA355
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA355 Datasheet(HTML) 4 Page - Texas Instruments

  OPA355 Datasheet HTML 1Page - Texas Instruments OPA355 Datasheet HTML 2Page - Texas Instruments OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
www.ti.com
4
TYPICAL CHARACTERISTICS: VS = 2.8V
At TA = +25°C and RL = 150Ω, unless otherwise noted.
535
530
525
520
515
510
505
500
495
R
IN vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
4250
4200
4150
4100
4050
4000
3950
R
SET vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
8.5
8.4
8.3
8.2
8.1
8.0
7.9
7.8
7.7
7.6
7.5
R
SET/RIN RATIO
vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
5.5
5.4
5.3
5.2
5.1
5.0
GAIN
vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
0.005
0.004
0.003
0.002
0.001
0
OUTPUT VOLTAGE
vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
V
IN = −50mV
V
S =2.8V
2.80
2.75
2.70
2.65
2.60
2.55
2.50
OUTPUT VOLTAGE
vs TEMPERATURE
V
IN = 700mV
V
S =2.8V
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com