Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA355
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA355 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments OPA355 Datasheet HTML 10Page - Texas Instruments OPA355 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
www.ti.com
7
APPLICATIONS INFORMATION
The OPA361 video amplifier has been optimized to fit
seamlessly
with
Texas
Instruments’
OMAP242x
Multimedia processor. The following features have been
integrated to provide excellent video performance.
D Internal gain setting resistors (G = 5.2V/V) reduce
the number of external components needed in the
video circuit.
D Integration of the 500Ω video encoder load resistor
and 4k
Ω RSET resistor used by the OMAP242x
helps minimize the number of external components
and also ensures excellent ratio and temperature
tracking. This feature helps to keep the overall gain
accurate and stable over temperature.
D TV-detection support in connection with an
OMAP242x multimedia processor. This feature
helps to automate start/stop operation of the TV-out
function and minimizes power consumption.
D A 2-pole filter is incorporated for DAC signal
reconstruction.
D The OPA361 employs an internal level shift circuit
that avoids sync pulse clipping and allows
DC-coupled output.
D A shutdown feature reduces quiescent current to
less than 1.5
µA—crucial for portable applications
Although OPA361 is optimized for the OMAP242x
processor, it is also suitable to interface with any digital
media processor that outputs a video signal on the order
of 0.4VPP to 0.5VPP.
Figure 1 shows a typical application drawing with the
OMAP242x
processor and the TWL92230 Energy
Management Chip.
Video
DAC
1.8V DAC
0.5V V
REF
2−Pole
Filter
Shutdown
Control
+
75
Ω
1.8V
Pull−Up
10k
Ω
100k
Ω(2)
4k
Ω
(see note 1)
G = 5.2V/V
75
Ω
TV Detect
TV Detect
GPIO(3)
GPIO
(1) Closed when enabled during normal operation; open when shut down.
(2) Protects GPIO against overvoltage conditions during active video transmission.
(3) GPIO must be able to generate an interrupt.
OMAP2420
OPA361
TWL92230
500
Ω
Regulator V
AUX
2.8V
10mV
R
SET
+In
Out
V+
GND
Enable
Figure 1. Typical Application using the OMAP242x and the TWL92230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com