Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA355
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA355 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 2Page - Texas Instruments OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments OPA355 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = 2.8V (continued)
At TA = +25°C and RL = 150Ω, unless otherwise noted.
TURN−ON TIME
Time (1
µs/div)
TURN−OFF TIME
Time (25ns/div)
3.0
2.5
2.0
1.5
1.0
0.5
0
OUTPUT VOLTAGE
vs OUTPUT CURRENT
+125
_C +85_C +25_C
−25_C −40_C
0
_C
I
OUT (A)
100
90
80
70
60
50
40
30
20
10
0
GROUP DELAY
vs FREQUENCY
Frequency (Hz)
100k
1M
10M
100M
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
DG1
DG2
DG3
DG4
DG5
%1
%.
%.
%.
%5
−0.6
−1.0
−1.1
−1.2
−0.8
−50+5
40
1
5
1
2
ZOOM
MO DE
ST EP S
SYN C
=
I N T
IN P
=
A
− C
M TI ME
=
1 0 s
L INE
= 330
DP1
DP2
DP3
DP4
DP5
dg1
dg.
dg.
dg.
dg5
1. 1
1. 6
1. 6
1. 5
1. 1
−50
+ 5
40
1
5
1
2
ZOOM
MO DE
ST EP S
SYN C
=
I N T
I N P=A
− C
MT IM E
=
10s
LI N E
= 3 3 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com