Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA355
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA355 Datasheet(HTML) 5 Page - Texas Instruments

  OPA355 Datasheet HTML 1Page - Texas Instruments OPA355 Datasheet HTML 2Page - Texas Instruments OPA355 Datasheet HTML 3Page - Texas Instruments OPA355 Datasheet HTML 4Page - Texas Instruments OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
www.ti.com
5
TYPICAL CHARACTERISTICS: VS = 2.8V (continued)
At TA = +25°C and RL = 150Ω, unless otherwise noted.
0.05
0.04
0.03
0.02
0.01
0
−0.01
V
OUT LEVEL SHIFT
vs TEMPERATURE
V
S =2.8V
V
IN =0V
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
9
8
7
6
5
4
3
QUIESCENT CURRENT
vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
1000000
100000
10000
1000
100
10
1
0.1
OUTPUT LEAKAGE CURRENT
vs TEMPERATURE
Temperature (
_C)
−50
−25
0
+25
+50
+75
+100
+150
+125
Enable = 0V
V
PULLUP =1.8V
400
350
300
250
200
150
100
50
0
−50
−100
OUTPUT LEAKAGE
IN SHUTDOWN
V
PULLUP (V)
0
0.511.5
22.5
3
Enable = 0V
10000
1000
100
10
1
SHUTDOWN QUIESCENT CURRENT HYSTERESIS
vs TEMPERATURE
V
SHDN (V)
0.7
0.75
0.8
0.85
0.9
0.95
1
+25
_C
−40_C
+125
_C
3
0
−3
−6
−9
−12
−15
−18
−21
−24
−27
−30
AC RESPONSE
AT VARIOUS TEMPERATURES
Frequency (Hz)
100k
1M
10M
100M
+25
_C
+85
_C
−40_C
+125
_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com