Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA693
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA693 Datasheet HTML 17Page - Texas Instruments OPA693 Datasheet HTML 18Page - Texas Instruments OPA693 Datasheet HTML 19Page - Texas Instruments OPA693 Datasheet HTML 20Page - Texas Instruments OPA693 Datasheet HTML 21Page - Texas Instruments OPA693 Datasheet HTML 22Page - Texas Instruments OPA693 Datasheet HTML 23Page - Texas Instruments OPA693 Datasheet HTML 24Page - Texas Instruments OPA693 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
OPERATING SUGGESTIONS
GAIN SETTING
OUTPUT CURRENT AND VOLTAGE
DRIVING CAPACITIVE LOADS
OPA3693
www.ti.com ............................................................................................................................................ SBOS353A – DECEMBER 2006 – REVISED AUGUST 2008
show the zero-voltage output current limit and the
zero-current output voltage limit, respectively. The
four quadrants give a more detailed view of the
OPA3693 output drive capabilities, noting that the
graph is bounded by a Safe Operating Area of 1W
A printed circuit board (PCB) is available to assist in
maximum internal power dissipation. Superimposing
the initial evaluation of circuit performance using the
resistor load lines onto the plot shows that the
OPA3693. The fixture is offered free of charge as an
OPA3693 can drive ±3.4V into 20
Ω or ±3.7V into 50Ω
unpopulated PCB, delivered with a user's guide. The
without exceeding either the output capabilities or the
summary information for this fixture is shown in
1W dissipation limit. A 100
Ω load line (the standard
Table 2.
test-circuit load) shows full ±3.8V output swing
capability, as shown in the Typical Characteristics.
Table 2. Demonstration Fixture
ORDERING
LITERATURE
The minimum specified output voltage and current
PRODUCT
PACKAGE
NUMBER
NUMBER
specifications over temperature are set by worst-case
OPA3693IDBQ,
simulations at the cold temperature extreme. Only at
SSOP-16
DEM-OPA-SSOP-3C
SBOU047
Noninverting
cold startup will the output current and voltage
OPA3693IDBQ,
SSOP-16
DEM-OPA-SSOP-3D
SBOU046
decrease
to
the
numbers
shown
in
the
Inverting
over-temperature min/max
specifications.
As
the
output
transistors
deliver
power,
their
junction
The demonstration fixture can be requested at the
temperatures increase, which decreases their VBEs
Texas Instruments web site (www.ti.com) through the
(increasing the available output voltage swing) and
OPA3693 product folder.
increases their current gains (increasing the available
output
current).
In
steady-state
operation,
the
available output voltage and current is always greater
than
that
shown
in
the
over-temperature
characteristics
since
the
output
stage
junction
temperatures are higher than the minimum specified
Setting the gain for the OPA3693 is very easy. For a
operating ambient.
gain of +2, ground the –IN pin and drive the +IN pin
with the signal. For a gain of +1, either leave the –IN
To maintain maximum output stage linearity, no
pin open and drive the +IN pin or drive both the +IN
output
short-circuit
protection
is
provided.
This
and –IN pins (see Figure 47). For a gain of –1,
configuration is not normally a problem, since most
ground the +IN pin and drive the –IN pin with the
applications include a series matching resistor at the
input signal. An external resistor may be used in
output that limits the internal power dissipation if the
series with the –IN pin to reduce the gain. However,
output side of this resistor is shorted to ground.
because the internal resistors (RF and RG) have a
However, shorting the output pin directly to an
tolerance and temperature drift different than the
adjacent positive power-supply pin, in most cases,
external resistor, the absolute gain accuracy and gain
destroys the amplifier. If additional protection to a
drift over temperature are relatively poor compared to
power-supply short is required, consider a small
the previously described standard gain connections
series resistor in the power-supply leads. Under
using no external resistor.
heavy output loads, this reduces the available output
voltage swing. A 5
Ω series resistor in each supply
lead limits the internal power dissipation to < 1W for
an output short while decreasing the available output
The OPA3693 provides output voltage and current
voltage swing only 0.5V, for up to 100mA desired
capabilities that can easily support multiple video
load currents. Always place the 0.1
µF power-supply
loads and/or 100
Ω loads with very low distortion.
decoupling
capacitors
after
these
supply-current
Under no-load conditions at +25°C, the output voltage
limiting resistors directly on the device supply pins.
typically swings to 1V of either supply rail; the tested
swing limit is within 1.2V of either rail. Into a 15
Ω load
(the minimum tested load), it is tested to deliver more
than ±90mA.
One of the most demanding, and yet very common,
load conditions for an op amp is capacitive loading.
The specifications described above, though familiar in
Often, the capacitive load is the input of an
the industry, consider voltage and current limits
analog-to-digital converter (ADC), including additional
separately. In many applications, it is the voltage ×
external capacitance, which may be recommended to
current, or V-I product, which is more relevant to
improve ADC linearity. A high-speed, high open-loop
circuit operation. Refer to the Output Voltage and
gain amplifier like
the
OPA3693
can
be
very
Current Limitations plot (Figure 21) in the Typical
susceptible to decreased stability and may give
Characteristics. The X- and Y-axes of this graph
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA3693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com