Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA693
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA693 Datasheet HTML 9Page - Texas Instruments OPA693 Datasheet HTML 10Page - Texas Instruments OPA693 Datasheet HTML 11Page - Texas Instruments OPA693 Datasheet HTML 12Page - Texas Instruments OPA693 Datasheet HTML 13Page - Texas Instruments OPA693 Datasheet HTML 14Page - Texas Instruments OPA693 Datasheet HTML 15Page - Texas Instruments OPA693 Datasheet HTML 16Page - Texas Instruments OPA693 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TYPICAL CHARACTERISTICS: +5V
3
2
1
0
-1
-2
-3
-4
-5
-6
Frequency(Hz)
1M
1G
10M
100M
V
=1V
O
PP
G=+2V/V
G=
1
- V/V
G=+1V/V
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
Frequency(MHz)
0
1000
100
200
300
400
500
600
700
800
900
G=+2V/V
R =100
L
W
V
=1V
O
PP
V
=2V
O
PP
V
=3V
O
PP
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
Frequency(MHz)
0
300
100
200
R =100W
L
R =75W
L
R =200W
L
R =150W
L
G=+2V/V
700
650
600
550
500
450
400
Single-SupplyVoltage(V)
4
12
5
6
7
8
9
10
11
G=+2V/V
V
=0.5V
R =100
O
PP
L
W
4.0
3.5
3.0
2.5
2.0
1.5
1.0
Time(2ns/div)
LargeSignal
SmallSignal
4.0
3.5
3.0
2.5
2.0
1.5
1.0
Time(2ns/div)
LargeSignal
SmallSignal
OPA3693
www.ti.com ............................................................................................................................................ SBOS353A – DECEMBER 2006 – REVISED AUGUST 2008
At G = +2V/V (–IN grounded) and RL = 100Ω to VS/2, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 32.
Figure 33.
SMALL-SIGNAL BANDWIDTH vs
FREQUENCY RESPONSE FLATNESS vs LOAD
SINGLE-SUPPLY VOLTAGE
Figure 34.
Figure 35.
GAIN OF +2 PULSE RESPONSE
GAIN OF +1 PULSE RESPONSE
Figure 36.
Figure 37.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA3693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com