Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA693
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA693 Datasheet HTML 8Page - Texas Instruments OPA693 Datasheet HTML 9Page - Texas Instruments OPA693 Datasheet HTML 10Page - Texas Instruments OPA693 Datasheet HTML 11Page - Texas Instruments OPA693 Datasheet HTML 12Page - Texas Instruments OPA693 Datasheet HTML 13Page - Texas Instruments OPA693 Datasheet HTML 14Page - Texas Instruments OPA693 Datasheet HTML 15Page - Texas Instruments OPA693 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
-40
-50
-60
-70
-80
-90
Frequency(MHz)
0
100
1
10
Input-Referred
OPA3693
SBOS353A – DECEMBER 2006 – REVISED AUGUST 2008 ............................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS: ±5V (continued)
At G = +2 (–IN grounded) and RL = 100Ω, unless otherwise noted.
ALL HOSTILE CROSSTALK
Figure 31.
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com