Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 3 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL-PLL MULTICLOCK GENERATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 3 Page - Texas Instruments

  PLL1707 Datasheet HTML 1Page - Texas Instruments PLL1707 Datasheet HTML 2Page - Texas Instruments PLL1707 Datasheet HTML 3Page - Texas Instruments PLL1707 Datasheet HTML 4Page - Texas Instruments PLL1707 Datasheet HTML 5Page - Texas Instruments PLL1707 Datasheet HTML 6Page - Texas Instruments PLL1707 Datasheet HTML 7Page - Texas Instruments PLL1707 Datasheet HTML 8Page - Texas Instruments PLL1707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PLL1707-Q1
www.ti.com
SLES259A
– JUNE 2010 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS (continued)
TA = 25°C, VDD1-VDD3 (= VDD) = VCC = 3.3 V, fM = 27 MHz, crystal oscillation, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MASTER CLOCK (MCKO1, MCKO2) (fM = 27 MHz, C1 = C2 = 15 pF, CL = 20 pF on measurement pin)
Master clock frequency
26.73
27
27.27
MHz
VIH
0.7 VCC
Input level(4)(5)
V
VIL
0.3 VCC
IIH
VIN = VCC
±10
Input current(4)
µA
IIL
VIN = 0 V
±10
Output voltage(6)
3.5
Vp-p
Output rise time
20% to 80% of VDD
2
ns
Output fall time
80% to 20% of VDD
2
ns
For crystal oscillation
45
51
55 %
Duty cycle
For external clock
50
Clock jitter(7)
50
ps
Power-up time(8)
0.5
1.5
ms
PLL AC CHARACTERISTICS (SCKO0-SCKO3) (fM = 27 MHz, CL = 20 pF on measurement pin)
SCKO0
Fixed
33.8688
SCKO1
Selectable for 48 kHz
24.576
36.864
Output system clock frequency(9)
MHz
SCKO2
256 fS
8.192
12.288
24.576
SCKO3
384 fS
12.288
18.432
36.864
Output rise time
20% to 80% of VDD
2
ns
Output fall time
80% to 20% of VDD
2
ns
Output duty cycle
45
50
55
%
SCKO0, SCKO1
58
100
ps
Output clock jitter(7)(5)
SCKO2, SCKO3
50
100
ps
Frequency settling time(10)
To stated output frequency
50
150
ns
Power-up time(11)
To stated output frequency
3
6
ms
POWER SUPPLY
VCC, VDD
Supply voltage
2.7
3.3
3.6
V
IDD + ICC
Supply current(12)
VDD = VCC = 3.3 V, fS = 48 kHz
19
35
mA
Power dissipation
VDD = VCC = 3.3 V, fS = 48 kHz
63
130
mW
TEMPERATURE
Operating temperature
-40
85
°C
θJA
Thermal resistance
150
°C/W
(4)
Pin 10: XT1
(5)
Not production tested
(6)
Pin 11: XT2
(7)
Jitter performance is specified as standard deviation of jitter for 27-MHz crystal oscillation and default SCKO frequency setting. Jitter
performance varies with master clock mode, SCKO frequency setting and load capacitance on each clock output.
(8)
The delay time from power on to oscillation
(9)
The MIN and MAX values are the low and high selectable frequencies based on frequency (fS) selected (see Table 2 through Table 4)
(10) The settling time when the sampling frequency is changed
(11) The delay time from power on to lockup
(12) fM = 27-MHz crystal oscillation, no load on MCKO1, MCKO2, SCKO0, SCKO1, SCKO2, SCKO3. Power supply current varies with
sampling frequency selection and load condition.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PLL1707-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com